Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151D Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP112K151D
Description  Low Noise 150mA LDO REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K151D Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP112K151D Datasheet HTML 3Page - RICOH electronics devices division RP112K151D Datasheet HTML 4Page - RICOH electronics devices division RP112K151D Datasheet HTML 5Page - RICOH electronics devices division RP112K151D Datasheet HTML 6Page - RICOH electronics devices division RP112K151D Datasheet HTML 7Page - RICOH electronics devices division RP112K151D Datasheet HTML 8Page - RICOH electronics devices division RP112K151D Datasheet HTML 9Page - RICOH electronics devices division RP112K151D Datasheet HTML 10Page - RICOH electronics devices division RP112K151D Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
RP112x
NO.EA-258-131024
7
TYPICAL APPLICATIONS
C1
RP112x
Series
VDD
VOUT
CE
GND
C2
VOUT
External Parts Example:
C1, C2: Ceramic Capacitor 1.0µF, Murata, GRM155B31A105KE15
TECHNICAL NOTES
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a 1.0
μF or more capacitor C2.
In case of using a tantalum capacitor, the output may be unstable due to inappropriate ESR. Therefore, the full
range of operating conditions for the capacitor in the application should be considered.
PCB Layout
The high impedances of VDD and GND could be a reason for the noise pickup and unstable operation.
Therefore, it is imperative that the impedances of VDD and GND be the lowest possible. Also, place a 1.0µF or
more capacitor (C1) between VDD pin and GND pin as close as possible to each other.
As for C2 output capacitor that is used for phase compensation, place it between VOUT pin and GND as close
as possible to each other (Refer to TYPICAL APPLICATIONS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com