Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151D Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP112K151D
Description  Low Noise 150mA LDO REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K151D Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP112K151D Datasheet HTML 1Page - RICOH electronics devices division RP112K151D Datasheet HTML 2Page - RICOH electronics devices division RP112K151D Datasheet HTML 3Page - RICOH electronics devices division RP112K151D Datasheet HTML 4Page - RICOH electronics devices division RP112K151D Datasheet HTML 5Page - RICOH electronics devices division RP112K151D Datasheet HTML 6Page - RICOH electronics devices division RP112K151D Datasheet HTML 7Page - RICOH electronics devices division RP112K151D Datasheet HTML 8Page - RICOH electronics devices division RP112K151D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
RP112x
NO.EA-258-131024
2
BLOCK DIAGRAMS
RP112xxxxB
RP112xxxxD
VDD
GND
VOUT
CE
Vref
Current
Limit
Noise
Reduction
VDD
GND
VOUT
CE
Vref
Current
Limit
Noise
Reduction
SELECTION GUIDE
The output voltage, auto discharge function, package for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP112Kxx1
∗-TR
DFN(PLP)1010-4
10,000 pcs
Yes
Yes
RP112Qxx2
∗-TR-FE
SC-88A
3,000 pcs
Yes
Yes
RP112Nxx1
∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: Output voltage (VOUT) is selectable from 1.2V to 4.8V in 0.1V steps.
The second decimal point of the voltage is described as below.
1.25V: RP112x12x
∗5
1.85V: RP112x18x
∗5
2.85V: RP112x28x
∗5
∗: Selections of CE pin polarity and Auto-discharge function are as shown below:
(B) CE pin polarity: “H” active, Auto-discharge function: No
(D) CE pin polarity: “H” active, Auto-discharge function: Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com