Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151D Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # RP112K151D
Description  Low Noise 150mA LDO REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K151D Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button RP112K151D Datasheet HTML 17Page - RICOH electronics devices division RP112K151D Datasheet HTML 18Page - RICOH electronics devices division RP112K151D Datasheet HTML 19Page - RICOH electronics devices division RP112K151D Datasheet HTML 20Page - RICOH electronics devices division RP112K151D Datasheet HTML 21Page - RICOH electronics devices division RP112K151D Datasheet HTML 22Page - RICOH electronics devices division RP112K151D Datasheet HTML 23Page - RICOH electronics devices division RP112K151D Datasheet HTML 24Page - RICOH electronics devices division RP112K151D Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RP112x
NO.EA-258-131024
21
RP112x40xx
RP112x48xx
50
55
60
65
70
75
80
-50
-25
0
25
50
75
100
Temperature Topt (
゚C)
VIN=5.0V
50
55
60
65
70
75
80
85
90
95
100
-50
-25025
50
75
100
Temperature Topt (
゚C)
VIN=5.25V
6) Dropout Voltage vs. Output Current (C1
=Ceramic 1.0μF, C2=Ceramic 1.0μF)
RP112x12xx
RP112x28xx
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
Output Current IOUT (mA)
85
゚C
25
゚C
-40
゚C
0
50
100
150
200
250
050
100
150
Output Current IOUT (mA)
85
゚C
25
゚C
-40
゚C
RP112x40xx
RP112x48xx
0
50
100
150
200
250
0
50
100
150
Output Current IOUT (mA)
85
゚C
25
゚C
-40
゚C
0
20
40
60
80
100
120
140
160
180
200
050
100
150
Output Current IOUT (mA)
85
゚C
25
゚C
-40
゚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com