Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP112K151D
Description  Low Noise 150mA LDO REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K151D Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP112K151D Datasheet HTML 1Page - RICOH electronics devices division RP112K151D Datasheet HTML 2Page - RICOH electronics devices division RP112K151D Datasheet HTML 3Page - RICOH electronics devices division RP112K151D Datasheet HTML 4Page - RICOH electronics devices division RP112K151D Datasheet HTML 5Page - RICOH electronics devices division RP112K151D Datasheet HTML 6Page - RICOH electronics devices division RP112K151D Datasheet HTML 7Page - RICOH electronics devices division RP112K151D Datasheet HTML 8Page - RICOH electronics devices division RP112K151D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RP112x SERIES
Low Noise 150mA LDO REGULATOR
NO.EA-258-131024
1
OUTLINE
The RP112x Series are CMOS-based voltage regulator (LDO) ICs, which have been developed using the
CMOS process technology, with high output voltage accuracy, low-supply current, low On-resistance transistor,
low noise output voltage and high ripple rejection. Each of the ICs is composed of the followings: a voltage
reference unit, an error amplifier, a resistor-net for output voltage setting, a current limit circuit, and a chip enable
circuit.
The RP112x features ultra low noise and its Ripple Rejection is as low as 80dB at f=1kHz, 75dB at f=10kHz
and 65dB at f=100kHz. The Output Noise is also as low as Typ. 10
μVrms. It is kept the low level at any Output
Voltage. RP112x is suitable for the power source for the portable music player and RF module that demands for
higher level of noise reduction. SOT-23-5 and SC-88A packages, a 1mm square DFN(PLP)1010-4 package are
available.
FEATURES
• Supply Current ......................................................Typ. 75μA
• Standby Current ....................................................Typ. 0.1μA
• Dropout Voltage ....................................................Typ. 0.20V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection....................................................Typ. 80dB (f=1kHz)
Typ. 75dB (f
=10kHz)
Typ. 65dB (f
=100kHz)
• Output Voltage Accuracy.......................................±1.0%
• Output Voltage Temperature Coefficient ...............Typ. ±30ppm/°C
• Line Regulation .....................................................Typ. 0.02%/V
• Packages ..............................................................DFN(PLP)1010-4, SC-88A, SOT-23-5
• Input Voltage Range .............................................2.0V to 5.25V
• Output Voltage Range...........................................1.2V to 4.8V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Short Current Limit................................................Typ. 40mA
• Built-in Foldback Protection Circuit
• Output Noise .........................................................Typ. 10μVrms
• Ceramic capacitors are recommended to be used with this IC .....1.0μF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras,VCRs and camcorders.
• Power source for battery-powered equipments.
• Power source for electrical home appliances.
• Power source for the portable music player
• Power source for RF module


Similar Part No. - RP112K151D

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP112K151D NISSHINBO-RP112K151D Datasheet
1Mb / 35P
Low Noise 150 mA LDO Regulator
More results

Similar Description - RP112K151D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com