Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM61 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM61
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM61 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM61 Datasheet HTML 1Page - National Semiconductor (TI) LM61 Datasheet HTML 2Page - National Semiconductor (TI) LM61 Datasheet HTML 3Page - National Semiconductor (TI) LM61 Datasheet HTML 4Page - National Semiconductor (TI) LM61 Datasheet HTML 5Page - National Semiconductor (TI) LM61 Datasheet HTML 6Page - National Semiconductor (TI) LM61 Datasheet HTML 7Page - National Semiconductor (TI) LM61 Datasheet HTML 8Page - National Semiconductor (TI) LM61 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics The LM61 in the SOT-23 package mounted to a printed
circuit board as shown in
Figure 2 was used to generate the following thermal curves. (Continued)
1.0 Mounting
The LM61 can be applied easily in the same way as other
integrated-circuit temperature sensors. It can be glued or ce-
mented to a surface. The temperature that the LM61 is sens-
ing will be within about +0.2˚C of the surface temperature
that LM61’s leads are attached to.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the ac-
tual temperature measured would be at an intermediate tem-
perature between the surface temperature and the air tem-
perature.
To ensure good thermal conductivity the backside of the
LM61 die is directly attached to the GND pin. The lands and
traces to the LM61 will, of course, be part of the printed cir-
cuit board, which is the object whose temperature is being
measured.
Alternatively, the LM61 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the LM61 and
accompanying wiring and circuits must be kept insulated and
dry, to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paints or dips are often used to en-
sure that moisture cannot corrode the LM61 or its connec-
tions.
The thermal resistance junction to ambient (
θ
JA) is the pa-
rameter used to calculate the rise of a device junction tem-
perature due to its power dissipation. For the LM61 the
equation used to calculate the rise in the die temperature is
as follows:
T
J = TA + θJA [(+VS IQ) + (+VS −VO)IL]
where I
Q is the quiescent current and ILis the load current on
the output. Since the LM61’s junction temperature is the ac-
tual temperature being measured care should be taken to
minimize the load current that the LM61 is required to drive.
The table shown in
Figure 3 summarizes the rise in die tem-
perature of the LM61 without any loading with a 3.3V supply,
and the thermal resistance for different conditions.
Supply Voltage
vs Supply Current
DS012897-12
Start-Up Response
DS012897-22
DS012897-14
FIGURE 2. Printed Circuit Board Used
for Heat Sink to Generate All Curves.
1
⁄2" Square Printed Circuit Board
with 2 oz. Copper Foil or Similar.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com