Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM61 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM61
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM61 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM61 Datasheet HTML 1Page - National Semiconductor (TI) LM61 Datasheet HTML 2Page - National Semiconductor (TI) LM61 Datasheet HTML 3Page - National Semiconductor (TI) LM61 Datasheet HTML 4Page - National Semiconductor (TI) LM61 Datasheet HTML 5Page - National Semiconductor (TI) LM61 Datasheet HTML 6Page - National Semiconductor (TI) LM61 Datasheet HTML 7Page - National Semiconductor (TI) LM61 Datasheet HTML 8Page - National Semiconductor (TI) LM61 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1.0 Mounting (Continued)
2.0 Capacitive Loads
The LM61 handles capacitive loading well. Without any spe-
cial precautions, the LM61 can drive any capacitive load as
shown in
Figure 4. Over the specified temperature range the
LM61 has a maximum output impedance of 5 k
Ω.Inanex-
tremely noisy environment it may be necessary to add some
filtering to minimize noise pickup. It is recommended that
0.1 µF be added from +V
S to GND to bypass the power sup-
ply voltage, as shown in
Figure 5. In a noisy environment it
may be necessary to add a capacitor from the output to
ground. A 1 µF output capacitor with the 5 k
Ω maximum out-
put impedance will form a 32 Hz lowpass filter. Since the
thermal time constant of the LM61 is much slower than the 5
ms time constant formed by the RC, the overall response
time of the LM61 will not be significantly affected. For much
larger capacitors this additional time lag will increase the
overall response time of the LM61.
SOT-23*
SOT-23**
TO-92*
TO-92***
no heat sink
small heat fin
no heat sink
small heat fin
θ
JA
T
J −TA
θ
JA
T
J −TA
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
450
0.26
260
0.13
180
0.09
140
0.07
Moving air
180
0.09
90
0.05
70
0.03
*Part soldered to 30 gauge wire.
**Heat sink used is 1⁄2" square printed circuit board with 2 oz. foil with part attached as shown in
Figure 2.
***Part glued and leads soldered to 1
″ square of 1/16″ printed circuit board with 2oz. foil or similar.
FIGURE 3. Temperature Rise of LM61 Due to
Self-Heating and Thermal Resistance (
θ
JA)
DS012897-15
FIGURE 4. LM61 No Decoupling Required for
Capacitive Load
DS012897-16
FIGURE 5. LM61 with Filter for Noisy Environment
DS012897-17
FIGURE 6. Simplified Schematic
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com