Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM61 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM61
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM61 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM61 Datasheet HTML 1Page - National Semiconductor (TI) LM61 Datasheet HTML 2Page - National Semiconductor (TI) LM61 Datasheet HTML 3Page - National Semiconductor (TI) LM61 Datasheet HTML 4Page - National Semiconductor (TI) LM61 Datasheet HTML 5Page - National Semiconductor (TI) LM61 Datasheet HTML 6Page - National Semiconductor (TI) LM61 Datasheet HTML 7Page - National Semiconductor (TI) LM61 Datasheet HTML 8Page - National Semiconductor (TI) LM61 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connection Diagrams
Ordering Information
Order
Number
Device
Marking
Supplied In
Accuracy
Over
Specified
Temperature
Range (˚C)
Specified
Temperature
Range
Package
Type
LM61BIM3
T1B
1000 Units on Tape and Reel
± 3
−25˚C to +85˚C
SOT-23
LM61BIM3X
T1B
3000 Units on Tape and Reel
LM61CIM3
T1C
1000 Units on Tape and Reel
± 4
−30˚C to +100˚C
LM61CIM3X
T1C
3000 Units on Tape and Reel
LM61BIZ
LM61BIZ
Bulk
± 3
−25˚C to +85˚C
TO-92
LM61CIZ
LM61CIZ
Bulk
± 4
−30˚C to +100˚C
SOT-23
DS012897-1
Top View
See NS Package Number MA03B
TO-92
DS012897-25
Top View
See NS Package Number Z03A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com