Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM61 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM61
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM61 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM61 Datasheet HTML 1Page - National Semiconductor (TI) LM61 Datasheet HTML 2Page - National Semiconductor (TI) LM61 Datasheet HTML 3Page - National Semiconductor (TI) LM61 Datasheet HTML 4Page - National Semiconductor (TI) LM61 Datasheet HTML 5Page - National Semiconductor (TI) LM61 Datasheet HTML 6Page - National Semiconductor (TI) LM61 Datasheet HTML 7Page - National Semiconductor (TI) LM61 Datasheet HTML 8Page - National Semiconductor (TI) LM61 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM61
2.7V, SOT-23 or TO-92 Temperature Sensor
General Description
The LM61 is a precision integrated-circuit temperature sen-
sor that can sense a −30˚C to +100˚C temperature range
while operating from a single +2.7V supply. The LM61’s out-
put voltage is linearly proportional to Celsius (Centigrade)
temperature (+10 mV/˚C) and has a DC offset of +600 mV.
The offset allows reading negative temperatures without the
need for a negative supply. The nominal output voltage of the
LM61 ranges from +300 mV to +1600 mV for a −30˚C to
+100˚C temperature range. The LM61 is calibrated to pro-
vide accuracies of ±2.0˚C at room temperature and ±3˚C
over the full −25˚C to +85˚C temperature range.
The LM61’s linear output, +600 mV offset, and factory cali-
bration simplify external circuitry required in a single supply
environment where reading negative temperatures is re-
quired. Because the LM61’s quiescent current is less than
125 µA, self-heating is limited to a very low 0.2˚C in still air.
Shutdown capability for the LM61 is intrinsic because its in-
herent low power consumption allows it to be powered di-
rectly from the output of many logic gates.
Features
n Calibrated linear scale factor of +10 mV/˚C
n Rated for full −30˚ to +100˚C range
n Suitable for remote applications
Applications
n Cellular Phones
n Computers
n Power Supply Modules
n Battery Management
n FAX Machines
n Printers
n HVAC
n Disk Drives
n Appliances
Key Specifications
n Accuracy at 25˚C
±2.0 or ±3.0˚C
(max)
n Accuracy for −30˚C to +100˚C
±4.0˚C (max)
n Accuracy for −25˚C to +85˚C
±3.0˚C (max)
n Temperature Slope
+10 mV/˚C
n Power Supply Voltage Range
+2.7V to +10V
n Current Drain @ 25˚C
125 µA (max)
n Nonlinearity
±0.8˚C (max)
n Output Impedance
800
Ω (max)
Typical Application
DS012897-2
V
O = (+10 mV/˚C x T ˚C) + 600 mV
Temperature (T)
Typical V
O
+100˚C
+1600 mV
+85˚C
+1450 mV
+25˚C
+850 mV
0˚C
+600 mV
−25˚C
+350 mV
−30˚C
+300 mV
FIGURE 1. Full-Range Centigrade Temperature Sensor (−30˚C to +100˚C)
Operating from a Single Li-Ion Battery Cell
June 1999
© 1999 National Semiconductor Corporation
DS012897
www.national.com


Similar Part No. - LM61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM61 NSC-LM61 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61 TI-LM61 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 TI2-LM61 Datasheet
932Kb / 25P
LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
REVISED NOVEMBER 2016
logo
National Semiconductor ...
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
LM6104M NSC-LM6104M Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
More results

Similar Description - LM61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62_05 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com