Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC202 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 11 -
Rev0.62
http://www.realtek.com.tw
0
MIC
0
CD LEFT
0
VIDEO LEFT
0
AUX LEFT
0
LINE LEFT
0
STEREO MIXER OUTPUT LEFT
0
MONO MIXER OUTPUT
7
PHONE
•
For RRS
0
MIC
0
CD RIGHT
0
VIDEO RIGHT
0
AUX RIGHT
0
LINE RIGHT
0
STEREO MIXER OUTPUT RIGHT
0
MONO MIXER OUTPUT
0
PHONE
MX1C
Record Gain
Default: 8000H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:12
Reserved
11:8
R/W Left Record Gain Select (LRG[3..0]) in 1.5 dB step
7:4
Reserved
3:0
R/W Right Record Gain Select (RRG[3..0]) in 1.5 dB step
Œ
For LRG/RRG, 0Fh
+22.5dB
00h 0 dB (No Gain)
MX20
General Purpose Register
Default : 0000H
Bit
Type
Function
15:14
Reserved, Read as 0
13
R/W 3D Control 1: On 0: Off
12:10
Reserved, Read as 0
9
R/W Mono output select 0 : MIX 1 : MIC
8
R/W Mic select 0 : Mic 1 1 : Mic 2
7
R/W AD to DA loop-back control 0 : Disable 1 : Enable
6:0
Reserved
MX22
3D Control
Default : 0000H
Bit
Type
Function
15:3
Reserved ,Read as 0
2:0
R/W Depth control (DP[2..0])
Œ
3D effect control
DP[2:0]
Function
DP[2:0]
Function
000
0%(off*)
100
50%
001
12.5%
101
67.5%
010
25%
110
75%
011
37.5
111
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com