Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC202 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 12 -
Rev0.62
http://www.realtek.com.tw
MX26
Powerdown Control/Status
Default: 000FH
Bit
Type
Function
15
R/W PR7 External Amplifier Power Down (EAPD) 0: normal 1: Power down
14
R/W PR6 0: Normal 1: Power down Headphone Out (HP-OUT)
13
R/W PR5 0: Normal 1: Disable internal clock
12
R/W PR4 0: Normal 1: Power down AC-Link
11
R/W PR3 0: Normal 1: Power down Mixer (Vref off)
10
R/W PR2 0: Normal 1: Power down Mixer (Vref still on)
9
R/W PR1 0: Normal 1: Power down PCM DAC
8
R/W PR0 0: Normal 1: Power down PCM ADC and input MUX
7:4
Reserved, Read as 0
3
R
Vref status 1: Vref is up to normal level 0: Not yet
2
R
Analog Mixer status 1: Ready 0: Not yet
1
R
DAC status 1: Ready 0: Not yet
0
R
ADC status 1: Ready 0: Not yet
MX28
Extended Audio ID
Default: 060Fh
Bit
Type
Function
15
R
ID1 Ê
14
R
ID0
13:12
Reserved, Read as 0
11:10
R
REV[1:0]=01 to indicates ALC202 is AC’97 rev2.2 compliant.
9
R
AMAP read as 1 (DAC mapping based on ID)
8:6
Reserved, Read as 0
5:4
R/W DSA[1:0], DAC Slot AssignmentË (Default value depends on ID[1:0])
DSA[1:0] control DAC slot assignment described in AC’97 rev2.2.
3
Reserved, Read as 0
2
R
SPDIF read as 1 (S/PDIF is supported)
1
R
DRA read as 1
0
R
VRA read as 1 (Variable Rate Audio is supported)
Ê
ID1 is latched inversely from pin 46 when system reset. ID0 is latched inversely from pin 45
when system reset.
Ë
ALC202 maps DAC slot according to the following table: (default maps to AC’97 spec.
rev2.2)
DSA[1:0]
Left DAC slot #
Right DAC slot #
Comment
0,0
3
4
Default when ID[1:0]=00
0,1
7
8
Default when ID[1:0]=01,10
1,0
6
9
Default when ID[1:0]=11
1,1
10
11
MX2A
Extended Audio Status and control register
Default: 0000H
Bit
Type
Function
15:11
Reserved
10
R
SPCV (S/PDIF Configuration Valid)
0: current S/PDIF configuration {SPSA,SPSR,DAC/slot rate} is not valid.
1: current S/PDIF configuration {SPSA,SPSR,DAC/slot rate} is valid.
9:6
Reserved
5:4
R/W SPSA[1:0] (S/PDIF Slot Assignment)
00: S/PDIF source data assigned to AC-LINK slot3/4.
01: S/PDIF source data assigned to AC-LINK slot7/8.
10: S/PDIF source data assigned to AC-LINK slot6/9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com