Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC202 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 16 -
Rev0.62
http://www.realtek.com.tw
15:10
Reserved
9
R/W GPIO1 Output Control
0: Drive GPIO1 low.
1: Drive GPIO1 high.
8
R/W GPIO0 Output Control
0: Drive GPIO0 as low.
1: Drive GPIO0 as high.
7
NA Reserved
6
R/W JD Interrupt Status (JD_IS)¶
0: Not JD interrupt.
1: JD interrupt.
JD_IS= (MX78.2==1)&(MX76.6==1) & (JD low-to-high transition).
Write 1 to clear this status bit.
5
R/W GPIO1 Interrupt Status (GPIO1_IS). (When GPIO1 is used as input)¶
0: No GPIO1 interrupt.
1: GPIO1 interrupt.
GPIO1_IS= (MX76.1==0)&(MX76.5==1) & (GPIO1 low-to-high transition).
Write 1 to clear this status bit.
4
R/W GPIO0 Interrupt Status (GPIO0_IS). (When GPIO0 is used as input)¶
0: No GPIO0 interrupt.
1: GPIO0 interrupt.
GPIO0_IS= (MX76.0==0)&(MX76.4==1) & (GPIO0 low-to-high transition)
Write 1 to clear this status bit.
3
NA Reserved
2
R
Jack-Detect Event (JDEVT)
0: No Jack-Detect event occurs.
1: Jack-Detect event occurs.
JDEVT = MX7A.0 & MX7A.1
1
R
GPIO1 Input Status ·
0: GPIO1 is driven low by external device (input).
1: GPIO1 is driven high by external device (input).
0
R
GPIO0 Input Status ·
0: GPIO0 is driven low by external device (input).
1: GPIO0 is driven high by external device (input).
GPIO interrupt (GPINT) in bit0 of SDATA_IN’s slot-12 = (MX78.4 | MX78.5 | MX78.6).
·
When GPIO1/0 is used as input pin, its status will be also reflected in bit2/1 of SDIN’s slot-12. Once
GPIO1/0 is used as output pin, the bit2/1 of SDATA_IN’s slot-12 is always 0.
The GPIOx is internally pulled high by a weak resistor.
MX7A
Default: 57C0H
Bit
Type
Function
15
R
Clock Source Selection (XTLSEL)
0: 24.576MHz crystal is used. DPLL is bypass. (XTLSEL is floating or open)
1: 14.318MHz crystal is used. 14.318Mà24.576M digital PLL is enabled.
(XTLSEL is pull low)
14
R/W ENHPF, Digital high-pass filter to eliminate variation in DC offset.
0: Disable 1: Enable (default)
13:8
NA Reserved
7
R/W Pin-48 Function Selection
0: S/PDIF output (default) 1: TEST
6
R/W Output value of TEST (when bit-7 is set)
0: ADC CLK 1: DAC CLK
5
R/W Pin-47 Function Selection
0: EAPD output (default)
1: Jack-Detect input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com