Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC202 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 20 -
Rev0.62
http://www.realtek.com.tw
5.8 Jack-Detect Function
JD (Jack-Detect) is an internal pull high input pin used to decide whether LINE-OUT should be auto
muted or not. If JDE (Jack Detect Enable) is set and ALC202 detects the JD is floating or pull high
(JDS=1), ALC202 will disable the analog output of LINE-OUT even the MX02 is not muted.
Fig5.8-1 shows the jack detect example to implement this function. If no audio plug is inserted in
HP-OUT jack, JD is detected as low, LINE output normally. If audio plug is inserted, ALC202 disable
LINE output, still output to HP-OUT and MONO-OUT. It’s useful to some PC application especially
in notebook environment.
If headphone output jack is not implemented and HP-OUT kept as floating, once JDE is enable, LINE
output will be muted unless JD is pull low by a 10K ohm resistor (Fig5.8-2). To conquer this
disadvantage, the Jack-Detect mute LINE-OUT function is disable after power up (default JDE is 0),
that make ALC202 compatible with others AC’97. So it is software’s responsibility to enable this
function if headphone jack detection is implemented.
Fig5.8-1 Jack detect connection example
Fig5.8-2 JD is pull low by a 10K ohm resistor
JD
HP-OUT-R
HP-OUT-L
4.7K
HP-OUT
5
4
3
2
1
+
3.3u
4.7K
4.7K
+100uf
+100uf
HP-OUT-R
HP-OUT-L
JD
10K
If HP-OUT jack is not implemented,
JD must be pulled low to prevent JDS is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com