Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1197LP7FE Datasheet(PDF) 31 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 31 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices HMC1197LP7FE Datasheet HTML 30Page - Analog Devices HMC1197LP7FE Datasheet HTML 31Page - Analog Devices HMC1197LP7FE Datasheet HTML 32Page - Analog Devices HMC1197LP7FE Datasheet HTML 33Page - Analog Devices HMC1197LP7FE Datasheet HTML 34Page - Analog Devices HMC1197LP7FE Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
31
1.
NINT = Reg 03h =
6
1
6
2800.2 10
45
2
61.44 10
VCO
PD
f
floor
floor
d
Dh
f








×
=
=
=
×
2.
Reg 0Ch =
(
)
(
)
(
)
66
3
6
1
61.44 10
61.44 10
3072
00
20000
gcd 100 10 ,61.44 10
gcd
,
PD
PD
VCOk
VCOk
f
dC h
f
ff
+
××
=
=
=
=
××
3.
To program Reg 04h, the closest integer-N boundary frequency fN that is less than the
desired VCO frequency fVCO must be calculated. fN = fPD ∙ NINT. Using the current example:
(
)
(
)
6
24
6
6
24
6
45 61.44 10
2764.8
.
2
2800.2 10
2764.8 10
2
Then Reg04h
9666560
938000
61.44 10
INT
N
PD
N
VCO
PD
N
f
f
MHz
f
f
ceil
ceil
d
h
f
=
×
=
×
×
=
×−
×
=
=
=
=
×
1.3.7.6.2.2
Hittite exact Frequency channel Mode
If it is desirable to have multiple, equally spaced, exact frequency channels that fall within
the same interval (ie. fN ≤ fVCOk < fN+1) where fVCOk is shown in Figure 40 and 1 ≤ k ≤ 224,
it is possible to maintain the same integer-N (Reg 03h) and exact frequency register (Reg 0Ch) settings
and only update the fractional register (Reg 04h) setting. The Exact Frequency Channel Mode is possible
if (EQ 16) is satisfied for at least two equally spaced adjacent frequency channels, i.e. the channel step
size.
To configure the HMC1197LP7FE for Exact Frequency Channel Mode, initially and only at the beginning,
integer (Reg 03h) and exact frequency (Reg 0Ch) registers need to be programmed for the smallest fVCO
frequency (fVCO1 in Figure 40), as follows:
1.
Calculate and program the integer register setting Reg 03h = NINT = floor(fVCO1/fPD), where fVCO1 is
shown in Figure 40 and corresponds to minimum channel VCO frequency. Then the lower integer
boundary frequency is given by fN = NINT ∙ fPD.
2.
Calculate
and
program
the
exact
frequency
register
value
Reg
0Ch
=
fPD/fgcd,
where fgcd = gcd((fVCOk+1 - fVCOk),fPD) = greatest common divisor of the desired equidistant channel
spacing and the PD frequency ((fVCOk+1 - fVCOk) and fPD).
Then, to switch between various equally spaced intervals (channels) only the fractional register (Reg 04h)
needs to be programmed to the desired VCO channel frequency fVCOk in the following manner:
Reg04h=
(
)
24
2
ceil
N
VCOk
FRAC
PD
ff
N
f





=
wherefN=floor(fVCO1/fPD),andfVCO1,as showninFigure40,represents
the smallest channel VCO frequency that is greater than fN.
Example: To configure the HMC1197LP7FE for Exact Frequency Mode for equally spaced intervals of 100
kHz where first channel (Channel 1) = fVCO1 = 2800.200 MHz and Phase Detector (PD) rate fPD = 61.44
MHz proceed as follows:
First check
that the exact frequency mode for this fVCO1 = 2800.2 MHz (Channel 1)
and fVCO2 = 2800.2 MHz + 100 kHz = 2800.3 MHz (Channel 2) is possible.
(
)
(
)
=
≥=
×
=
×
×
=
×>
=
×
=
×
×
=
×
>
=
gcd1
gcd1
gcd2
gcd2
12
24
24
6
6
6
3
gcd1
24
6
6
6
3
gcd2
24
gcd(
,
)
gcd(
,
)
22
61.44 10
gcd 2800.2 10 ,61.44 10
120 10
3750
2
61.44 10
gcd 2800.3 10 ,61.44 10
20 10
3750
2
PD
PD
PD
PD
VCO
VCO
ff
f
f
f
and f
and f
f
f
and f
f
f
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com