Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1197LP7FE Datasheet(PDF) 16 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 12Page - Analog Devices HMC1197LP7FE Datasheet HTML 13Page - Analog Devices HMC1197LP7FE Datasheet HTML 14Page - Analog Devices HMC1197LP7FE Datasheet HTML 15Page - Analog Devices HMC1197LP7FE Datasheet HTML 16Page - Analog Devices HMC1197LP7FE Datasheet HTML 17Page - Analog Devices HMC1197LP7FE Datasheet HTML 18Page - Analog Devices HMC1197LP7FE Datasheet HTML 19Page - Analog Devices HMC1197LP7FE Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
16
1.0
theory of operation
The block diagram of HMC1197LP7FE PLL with Integrated VCO is shown in Figure 35
Figure 35. HMC1197LP7FE PLL VCO Block Diagram
1.1
Pll overview
The PLL divides down the VCO output to the desired comparison frequency via the N-divider (integer value
set in Reg 03h, fractional value set in Reg 04h), compares the divided VCO signal to the divided reference
signal (reference divider set in Reg 02h) in the Phase Detector (PD), and drives the VCO tuning voltage
via the Charge Pump (CP) (configured in Reg 09h) to the VCO subsystem. Some of the additional PLL
subsystem functions include:
Delta Sigma configuration (Reg 06h)
Exact Frequency Mode (Configured in Reg 0Ch, Reg 06h,Reg 03h, and Reg 04h)
Lock Detect (LD) Configuration (Reg 07h to configure LD, and Reg 0Fh to configure LD_SDO output
pin)
External CEN pin used as hardware enable pin.
Typically, only writes to the divider registers (integer part Reg 03h, fractional part Reg 04h,VCO Divide
Ratio part Reg 04h) are required for HMC1197LP7FE output frequency changes.
Divider registers of the PLL (Reg 03h, and Reg 04h), set the fundamental frequency (2050 MHz to 4100
MHz) of the VCO. Output frequencies ranging from 33 MHz to 2050 MHz are generated by tuning to the
appropriate fundamental VCO frequency (2050 MHz to 4100 MHz) by programming N divider (Reg 03h,
and Reg 04h), and programming the output divider (divide by 1/2/4/6.../60/62, programmed in Reg 16h) in
the VCO register.
For detailed frequency tuning information and example, please see “1.3.7 Frequency Tuning” section.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com