Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1197LP7FE Datasheet(PDF) 25 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 21Page - Analog Devices HMC1197LP7FE Datasheet HTML 22Page - Analog Devices HMC1197LP7FE Datasheet HTML 23Page - Analog Devices HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
25
table 11. reference Sensitivity table
Square Input
Sinusoidal Input
Reference Input
Frequency
(MHz)
Slew > 0.5V/ns
Recommended Swing (Vpp)
Recommended Power Range (dBm)
Recommended
Min
Max
Recommended
Min
Max
< 10
YES
0.6
2.5
x
x
x
10
YES
0.6
2.5
x
x
x
25
YES
0.6
2.5
ok
8
15
50
YES
0.6
2.5
YES
6
15
100
YES
0.6
2.5
YES
5
15
150
ok
0.9
2.5
YES
4
12
200
ok
1.2
2.5
YES
3
8
Input referred phase noise of the PLL when operating at 50 MHz is between -148 and -150 dBc/Hz at 10
kHz offset depending upon the mode of operation. The input reference signal should be 10 dB better than
this floor to avoid degradation of the PLL noise contribution. It should be noted that such low levels are only
necessary if the PLL is the dominant noise contributor and these levels are required for the system goals.
1.3.3
reference Path ’r’ divider
The reference path “R” divider is based on a 14-bit counter and can divide input signals by values from 1
to 16,383 and is controlled via Reg 02h.
1.3.4
rF Path ’n’ divider
The main RF path divider is capable of average divide ratios between 219-5 (524,283) and 20 in fractional
mode, and 219-1 (524,287) to 16 in integer mode.
1.3.5
lock detect
The Lock Detect (LD) function indicates that the HMC1197LP7FE is indeed generating the desired
frequency. It is enabled by writing Reg 07h[11]=1. The HMC1197LP7FE provides LD indicator in one of two
ways:
As an output available on the LD_SDO pin of the HMC1197LP7FE, (Configuration is required to use
the LD_SDO pin for LD purpose, for more information please see “1.8 Serial Port Open Mode” and
“1.3.5.3 Configuring LD_SDO Pin for LD Output” section).
Or reading from Reg 12h[1], where Reg 12h[1] = 1 indicates locked and Reg 12h[1] = 0 indicates an
unlocked condition.
The LD circuit expects the divided VCO edge and the divided reference edge to appear at the PD within a
user specified time period (window), repeatedly. Either signal may arrive first, only the difference in arrival
times is significant. The arrival of the two edges within the designated window increments an internal
counter. Once the count reaches and exceeds a user specified value (Reg 07h[2:0]) the HMC1197LP7FE
declares lock.
Failure in registering the two edges in any one window resets the counter and immediately declares an
un-locked condition. Lock is deemed to be reestablished once the counter reaches the user specified
value (Reg 07h[2:0]) again.
1.3.5.1 lock detect configuration
Optimal spectral performance in fractional mode requires CP current and CP offset current configuration
discussed in detail in section “1.3.1”.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com