Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1197LP7FE Datasheet(PDF) 32 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 32 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices HMC1197LP7FE Datasheet HTML 30Page - Analog Devices HMC1197LP7FE Datasheet HTML 31Page - Analog Devices HMC1197LP7FE Datasheet HTML 32Page - Analog Devices HMC1197LP7FE Datasheet HTML 33Page - Analog Devices HMC1197LP7FE Datasheet HTML 34Page - Analog Devices HMC1197LP7FE Datasheet HTML 35Page - Analog Devices HMC1197LP7FE Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
32
If (EQ 16) is satisfied for at least two of the equally spaced interval (channel) frequencies fVCO1,fVCO2,fVCO3,...
fVCON, as it is above, Hittite Exact Frequency Channel Mode is possible for all desired channel frequencies,
and can be configured as follows:
1.
Reg 03h =
6
1
6
2800.2 10
45
2
61.44 10
VCO
PD
f
floor
floor
d
Dh
f








×
=
=
=
×
2.
Reg 0Ch =
(
)
(
)
(
)
66
3
6
1
61.44 10
61.44 10
3072
00
20000
gcd 100 10 ,61.44 10
gcd
,
PD
PD
VCOk
VCOk
f
dC h
f
ff
+
××
=
=
=
=
××
where (fVCOk+1 - fVCOk) is the desired channel spacing (100 kHz in this example).
3.
To program Reg 04h the closest integer-N boundary frequency fN that is less than the smallest
channel VCO frequency fVCO1 must be calculated. fN = floor(fVCO1/fPD). Using the current example:
6
6
6
2800.2 10
45 61.44 10
2764.8
61.44 10
N
PD
f
f
floor
MHz




×
=
×
=
×
×=
×
Then
Reg 04h
(
)
(
)
24
1
1
24
6
6
6
2
for channel 1 where
2800.2
2
2800.2 10
2764.8 10
9666560
938000
61.44 10
N
VCO
VCO
PD
ff
ceil
f
MHz
f
ceil
d
h
=
=
×−
×
=
=
=
×
4.
To change from channel 1 (fVCO1 = 2800.2 MHz) to channel 2 (fVCO2 = 2800.3 MHz), only
Reg 04h needs to be programmed, as long as all of the desired exact frequencies fVCOk (Figure 40)
fall between the same integer-N boundaries (fN < fVCOk < fN+1). In that case
Reg 04h =
(
)
24
6
6
6
2
2800.3 10
2764.8 10
9693867
93
61.44 10
ceil
d
EAABh
×−
×
=
=
×
, and so on.
1.3.8
Seed register
The start phase of the fractional modulator digital phase accumulator (DPA) may be set to any desired
phase relative to the reference frequency, The phase is programmed in Reg 1Ah, and Exact Frequency
Mode is required. Phase = 2π x Reg1Ah/(224) via the seed register Reg 1Ah[23:0]. The HMC1197LP7FE
will automatically reload the start phase (seed value) into the DPA every time a new fractional frequency is
selected. Certain zero or binary seed values may cause spurious energy correlation at specific frequencies.
For most cases a random, or non zero, non-binary start seed is recommended.
1.4
Soft reset & Power-on reset
The HMC1197LP7FE features a hardware Power on Reset (POR). All chip registers will be reset to default
states approximately 250 µs after power up.
The PLL subsystem SPI registers may also be soft reset by an SPI write to register Reg 00h.
1.5
Power down Mode
Power down the HMC1197LP7FE by pulling CEN pin (pin 17) low (assuming no SPI overrides(Reg
01h[0]=1)). This will result in all analog functions and internal clocks disabled. Current consumption will
typically drop below 10 µA in Power Down state. The serial port will still respond to normal communication
in Power Down mode.
It is possible to ignore the CEN pin, by setting Reg 01h[0]=0. Control of Power Down Mode then comes
from the serial port register Reg 01h[1].
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com