Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC700 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LC700
Description  Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC700 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC700 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Patient Care Unit with Standard Laminate or Optional Terreon® Top
LC700, LC750
Installation Instructions
4
8/16/04
Bradley Corporation • 215-1171 Rev. D; EN 04-1037
Installation Instructions
continued . . .
Step 2: Install the anchors
NOTE FOR OPTIONAL FOOT
VALVE: It is recommended that
floor anchors be used to secure the
foot valve to the floor (anchors and
appropriate hardware supplied by
installer).
1. Select the location where the
patient care unit is to be
installed. Using the supplied
template, lay out the hole
pattern for the water closet
and cabinet anchor locations
(see Figure 4).
NOTE FOR OPTIONAL FOOT
VALVE: Use the foot valve as a
template and lay out the anchor
locations on the floor. Drill
appropriate holes for two anchors.
2. Using a 5/8" concrete drill bit, drill four 2-1/8"
deep holes into the water closet support
anchoring locations using the template (see
Figure 4). Holes must be clean and free of
debris.
3. Using a 3/8" concrete drill bit, drill four 1-1/8"
deep holes into the cabinet anchoring locations
using the template (see Figure 4). Holes must be
clean and free of debris.
NOTE: If the floor concrete is lightweight or less
than 4" thick, Bradley recommends through-bolting
to steel angles under the floor (hardware supplied by
installer) (see Figure 7 on page 5).
NOTE FOR OPTIONAL FOOT VALVE: Install
appropriate anchors into the floor for foot valve
anchoring.
4. Remove the template. Drive the four 2-1/8"
anchors provided into the drilled holes for the
water closet using a hammer and the setting tool
supplied. The anchor should be driven in flush
with the floor (see Figure 5).
5. Drive the four 1/8" anchors provided into the
drilled holes for the cabinet using a hammer and
the setting tool. Make sure the anchors are
driven in flush with the floor (see Figure 6).
Figure 4
Figure 5
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com