Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC700
Description  Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC700 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LC700
LC750
Patient Care Unit with
Standard Laminate or
Optional Terreon®
Lavatory Top
Installation
Instructions
215-1171 Rev. D; EN 04-1037
© 2003 Bradley Corporation
Page 1 of 10
8/16/04
P.O. Box 309, Menomonee Falls, WI 53052-0309
Phone: 1-800-BRADLEY FAX: (262) 251-5817
http://www.bradleycorp.com
Table of Contents
Pre-Installation Information . . . . . . . . . . . . . . . .2
Installation Instructions
Unpacking the Patient Care Unit . . . . . . . . . .3
Installing the Anchors . . . . . . . . . . . . . . . . . . .4
Water Closet and Waste Connections . . . . . . .5
Installing the Inline Backflow Preventer . . . .6
Installing the Cabinet . . . . . . . . . . . . . . . . . . .6
Installing the Terreon® Lav Top . . . . . . . . . . .6
Installing the Faucet and Water Supply . . . . .7
Completing Connections . . . . . . . . . . . . . . . . .8
Installing the Cabinet Floor and Back Panel .8
Installing the Door Linkage . . . . . . . . . . . . . .9
Cleaning and Maintenance . . . . . . . . . . . . . . . .10
WARNING
Before beginning installation, all supply,
drain and waste piping to the unit must
be completed according to the rough-ins
received prior to receiving the unit. If
you have not received rough-ins, contact
your Bradley representative.
All mounting hardware provided is
essential for proper anchoring. Bradley
Corporation cannot assume any
responsibility for personal injury or
damage to equipment due to an
improperly installed unit.
Flush all water supply lines before
beginning installation.
This installation manual covers all
instructions for the LC700 or LC750
series including those with Terreon® Lav
tops. Omit any steps that do not apply to
the model you are installing.
Figures shown in this manual illustrate a
right-hand model. A left-hand model
would be opposite to what is shown.
Product warranties may be found under
“Product Information” on our web site at
www.bradleycorp.com.


Similar Part No. - LC700

ManufacturerPart #DatasheetDescription
logo
TANDA UK Limited.
LC7008 TANDAUK-LC7008 Datasheet
4Mb / 4P
8 Loop Intelligent Addressable Fire Alarm Control Panel
LC7008 TANDAUK-LC7008 Datasheet
625Kb / 4P
8 Loop Intelligent Addressable Fire Alarm Control Panel
logo
Seoul Semiconductor
LC700Z SEOUL-LC700Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LC700

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
HPU63A MPSIND-HPU63A Datasheet
312Kb / 2P
63W Desk Top Swithching Power Supplies For health Care Applications
HPU63B MPSIND-HPU63B Datasheet
231Kb / 2P
63W Desk Top Swithching Power Supplies For health Care Applications
MPU60A MPSIND-MPU60A Datasheet
174Kb / 2P
763W Desk Top Swithching Power Supplies For health Care Applications
logo
List of Unclassifed Man...
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
PS-415-HGULTRA ETC2-PS-415-HGULTRA Datasheet
488Kb / 4P
For Patient-Care Areas - Medical-Grade Power Strip with 4 Outlets and Safety Covers
PS-615-HG-OEM ETC2-PS-615-HG-OEM Datasheet
488Kb / 4P
For Patient-Care Areas - Medical-Grade Power Strip with 6 Outlets and 15-ft. Cord
logo
Silicon Laboratories
AN522 SILABS-AN522 Datasheet
1Mb / 8P
TOUCHLESS LAVATORY APPLIANCES
logo
Advantech Co., Ltd.
PIT-1501W-RCKE ADVANTECH-PIT-1501W-RCKE Datasheet
572Kb / 2P
Patient Infotainment Terminal
PIT-1702-HSKE ADVANTECH-PIT-1702-HSKE Datasheet
664Kb / 2P
Patient Infotainment Terminal
logo
Tripp Lite. All Rights ...
N234-MI-1005 TRIPPLITE-N234-MI-1005 Datasheet
162Kb / 3P
Medical Ethernet Isolator ??RJ45, For Patient Care Vicinity, IEC 60601-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com