Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC700 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LC700
Description  Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC700 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Patient Care Unit with Standard Laminate or Optional Terreon® Top
Installation Instructions
LC700, LC750
Bradley Corporation • 215-1171 Rev. D; EN 04-1037
8/16/04
Installation Instructions
continued . . .
Step 5a: Install the optional
Terreon® lavatory top
1. Apply a bead of silicone caulk around
the outer top edge of the cabinet and
between the lavatory top and the wall.
2. Set the lavatory top in place on the
cabinet making sure the back and wall
sides are flush with the edge of the
cabinet (see Figure 12).
3. Clean up any excess caulk.
Step 6: Install faucet and connect
water supply
FOOT VALVE MODELS (see Figures 13 and 14)
1. Place the faucet onto the countertop, gently inserting the faucet
supply shank through the hole provided in the lavatory bowl.
2. Using the washer and wingnut provided, mount the faucet to the
countertop by tightening the wingnut on the faucet's supply
shank.
3. Connect the flexible supply hose provided from the foot pedal
valve to the supply shank.
4. Connect the hot and cold water supply (piping supplied by
installer) to the 1/2” NPT inlet connectors on the foot valve (see
Figure 14).
FAUCET VALVE MODELS (see Figure 15)
1. Place the faucet onto the countertop, gently inserting the faucet supply shanks through the
holes provided in the lavatory bowl.
2. Using the washers and wingnuts provided, mount
the faucet to the countertop by tightening the
wingnut on the faucet's supply shanks.
3. Connect the hot and cold water supply (piping
supplied by installer) to the 1/2” NPT inlet
connectors on the foot valve.
Figure 13
Figure 14
GOOSENECK
SPOUT
LAVATORY
BOWL
SUPPLY
SHANK
SUPPLY
HOSE
SUPPLY
HOSE
FOOT
VALVE
FOOT VALVE
OUTLET
CONNECTION
HOT
INLET
COLD
INLET
FOOT VALVE
INLET
CONNECTORS
Figure 15
WINGNUT
COUNTERTOP
1/2” NPT
HOT INLET
1/2” NPT
COLD INLET
WASHER
LAVATORY
BOWL
Figure 12
BEAD OF
CAULK
BEAD OF
CAULK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com