Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC700 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC700
Description  Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC700 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC700 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Patient Care Unit with Standard Laminate or Optional Terreon® Top
LC700, LC750
Installation Instructions
2
8/16/04
Bradley Corporation • 215-1171 Rev. D; EN 04-1037
Pre-Installation Information
Overview
The Bradley LC700 and LC750 Patient Care Units are all-in-one units containing a water closet and
lavatory. The units come with either a laminate or Terreon® lavatory top and may include an
optional flexible bedpan washer, inline backflow preventer and/or dialysis box.
Check contents
Separate all parts from packaging and make sure all parts are accounted for before discarding any
packaging material. If any parts are missing, do not attempt to install your Bradley Patient Care Unit
until you obtain the missing parts.
NOTE: The LC700 and LC750 Patient Care Units are shipped assembled (except for faucet-mount
option) and secured to a false plywood floor like it will be installed at your location. DO NOT
DISCARD PLYWOOD FLOOR! The plywood floor will serve as your anchor hole location
template.
NOTE: Before beginning installation, all supply, drain and waste piping to your Bradley Patient
Care Unit must be completed according to rough-ins received prior to receiving the unit. If you have
not received rough-ins, contact your Bradley representative.
Supplies required for installation:
• Steel angles and hardware for anchoring the water closet (if concrete is lightweight or less
than 4" thick)
• Hardware for waste outlet connections
• Shims (for water closet or cabinet installation, if necessary)
• Supply piping (including 1/2" NPT flexible hoses) to water closet, faucet or foot valve,
and bedpan washer
• Waste outlet piping to water closet
• P-trap and drain piping
• Silicone caulk



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com