Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC992LP5E Datasheet(PDF) 11 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 7Page - Analog Devices HMC992LP5E Datasheet HTML 8Page - Analog Devices HMC992LP5E Datasheet HTML 9Page - Analog Devices HMC992LP5E Datasheet HTML 10Page - Analog Devices HMC992LP5E Datasheet HTML 11Page - Analog Devices HMC992LP5E Datasheet HTML 12Page - Analog Devices HMC992LP5E Datasheet HTML 13Page - Analog Devices HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Pin Number
Function
Description
Interface Schematic
14
DETVDD
Power supply for the attenuator. External by pass
capacitors are required. See application circuit.
15, 17, 22, 24
GND
These pins must be connected to RF ground.
16
DETIN
Detector RF input pin.
18
DETEN
Enable pin.
Apply VEN > 0.8xVcc for normal operation.
Apply VEN < 0.2xVcc to disable the detector.
19
DETSET
Set point input for controller mode.
Connect to DETOUT with the resistor network shown in
evaluation board drawing for detector mode.
20
DETRSSI
Connection for ground referenced external lowpass filter
capacitor.
21, 25
AMP2OUT,
AMP1OUT
These ports are mathed to 50 Ohms. External Choke
inductor and DC blocking capacitor are required.
See application circuit.
23, 27
AMP2IN,
AMP1IN
These ports are matched to 50 Ohms.
Blocking capacitor is required.
Pin Descriptions (continued)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com