Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC992LP5E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 10Page - Analog Devices HMC992LP5E Datasheet HTML 11Page - Analog Devices HMC992LP5E Datasheet HTML 12Page - Analog Devices HMC992LP5E Datasheet HTML 13Page - Analog Devices HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices HMC992LP5E Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
14
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Application Information
Introduction
The HMC992LP5E is a complete high performance Automatic Gain Control (AGC) solution, housing a Variable Gain
Amplifier (VGA) core and a control core in a single package. Its unique VVA technology provides constant OIP3 over
the entire control voltage range. The HMC992LP5E greatly simplifies the design of gain control loops by increasing
the integration level and reducing the number of required circuit elements. The VGA core of the HMC992LP5E is
composed of two identical voltage variable attenuators followed by two gain block amplifiers which operate from 10
to 800 MHz. The HMC992LP5E’s control core features a high accuracy log detector. As shown in the functional block
diagram, the HMC992LP5E combines all of these cores in a highly compact 5 x 5 mm plastic package, and offers an
easy-to-use, temperature stable AGC solution.
The HMC992LP5’s VGA core has a flexible structure where a single attenuator (23dB) or two attenuators (46dB) can
be used depending upon the dynamic range requirement. The HMC992LP5E is designed to operate in a 50 Ohms
impedance system. Inputs and outputs of the HMC992LP5E’s attenuators and amplifiers (ATTIN1, ATTOUT1, ATTIN2,
ATTOUT2, AMPIN1, AMPOUT1, AMPIN2, AMPOUT2) are broadband matched to 50 Ohms single-ended and require
only external DC blocking capacitors over the entire frequency band of operation. The input of the HMC992LP5E’s
built in log detector (RFDETIN) is also broadband matched to 50 Ohms with a single-ended input interface and does
not require any matching components.
The HMC992LP5E requires a single 5V supply with adequate power supply decoupling as recommended in the appli-
cation schematic.
Figure 1a: The HMC992LP5E’s VGA configuration with 1 attenuator.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com