Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC992LP5E Datasheet(PDF) 20 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices HMC992LP5E Datasheet HTML 18Page - Analog Devices HMC992LP5E Datasheet HTML 19Page - Analog Devices HMC992LP5E Datasheet HTML 20Page - Analog Devices HMC992LP5E Datasheet HTML 21Page - Analog Devices HMC992LP5E Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
20
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Similarly, the lower side of the dynamic range is limited by the noise floor of the VGA or the lowest power level detect-
able by the log detector. To eliminate any limitations on the lower side of the dynamic range, the coupler ratio should be
low enough to translate the minimum VGA output power level to a value higher than the lowest detectable log detector
power level.
Please also refer to the Log Detector section for more information.
Figure 7a shows the output power vs. input power transfer characteristic of the HMC992LP5E over different VSET
voltages for a closed AGC loop configuration. For low and high input power levels the HMC992LP5E attenuation rage
is saturated and the output is a linear function of the input. For input power levels within the dynamic range, the
HMC992LP5E automatically adjusts the attenuation level as shown in Figure 7c to maintain a constant output power
level. When Vset=0.6 V, the output power level is set to -13 dBm and the HMC992LP5E’s AGC amplifier provides a gain
control range of 46 dB from -51 dBm to -5 dBm with an excellent ripple within 0.06 dB.
Figure 7a: Output Power vs. input power over VSET,
2 attenuators @ 300 MHz.
-40
-30
-20
-10
0
10
-70
-60
-50
-40
-30
-20
-10
0
10
VSET=0.4V
VSET=0.6V
VSET=0.8V
INPUT POWER (dBm)
20 dB coupler is used
Figure 7c: DETOUT vs. input power over VSET, 2 attenuators @ 300 MHz.
0
1
2
3
4
5
-70
-60
-50
-40
-30
-20
-10
0
10
VSET= 0.4V
VSET= 0.6V
VSET= 0.8V
INPUT POWER (dBm)
20 dB coupler is used
Figure 7b: Output Power vs. input power, 2 attenua-
tors @ 400 MHz & VSET=0.6V
-20
-18
-16
-14
-12
-10
-8
-70
-60
-50
-40
-30
-20
-10
0
10
+25C
+85C
-40C
INPUT POWER (dBm)
20 dB coupler is used
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com