Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC992LP5E Datasheet(PDF) 17 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 13Page - Analog Devices HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices HMC992LP5E Datasheet HTML 18Page - Analog Devices HMC992LP5E Datasheet HTML 19Page - Analog Devices HMC992LP5E Datasheet HTML 20Page - Analog Devices HMC992LP5E Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
17
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Figure 3b: Gain & Gain Conformance Error vs. VCTRL at 300 MHz, 2 attenuators + 2 amplifiers configuration.
-20
-10
0
10
20
30
40
1
1.5
2
2.5
3
3.5
4
Ideal
Gain
-3
-2
-1
0
1
2
3
Error
VCTRL (V)
Noise and Distortion
As with any multistage VGA consisting of voltage variable attenuators and gain blocks, the noise figure (NF) and input
referred distortion (IIP3) characteristics of the HMC992LP5E’s VGA are dependent on the gain control voltage VCTRL.
When the attenuation level of the variable attenuators is set to minimum (maximum gain state), the noise figure of the
HMC992LP5E’s VGA is minimized; however the IIP3 is degraded to minimum as well. The noise figure and IIP3 of the
HMC992LP5E’s VGA increases with the attenuation level of the variable attenuators.
For low attenuation levels, the noise contribution from the VGA is important since the input signal is weak. For high atten-
uation levels of the variable attenuators, the noise contribution from the VGA is less important and the noise requirement
of the VGA is relaxed since the input signal is high. The noise figure performance of the HMC992LP5E’s VGA at 300
MHz is shown in Figure 4. The HMC992LP5E’s VGA delivers a noise figure of 6 dB in its maximum gain state when it is
configured in 1 attenuator + 2 amplifiers mode.
For low attenuation levels of the variable attenuators, IIP3 is less important since high gain of whole VGA improves dis-
tortion performance at its output (OIP3). For high attenuation levels of the variable attenuators, IIP3 is more important
because of low gain of whole VGA. The distortion performance of the HMC992LP5E’s VGA at 300 MHz is shown in
Figure 4. The HMC992LP5E’s VGA provides an almost constant OIP3 of up to +44 dBm in any state when it is config-
ured in one attenuator and two amplifiers mode.
Figure 4: Noise Figure & Gain & OIP3 vs. VCTRL at 300 MHz, 1 attenuator.
0
10
20
30
40
50
1
1.5
2
2.5
3
3.5
4
Noise Figure
Gain
0
10
20
30
40
50
OIP3
VCTRL (V)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com