Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DB Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 4Page - Cypress Semiconductor MB91F467DB Datasheet HTML 5Page - Cypress Semiconductor MB91F467DB Datasheet HTML 6Page - Cypress Semiconductor MB91F467DB Datasheet HTML 7Page - Cypress Semiconductor MB91F467DB Datasheet HTML 8Page - Cypress Semiconductor MB91F467DB Datasheet HTML 9Page - Cypress Semiconductor MB91F467DB Datasheet HTML 10Page - Cypress Semiconductor MB91F467DB Datasheet HTML 11Page - Cypress Semiconductor MB91F467DB Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 8 of 137
MB91460D Series
3. Pin Description
3.1 MB91F465DA, MB91F467Dx
(Continued)
Pin no.
Pin name
I/O
I/O circuit
type*
Function
2 to 9
P01_0 to P01_7
I/O
A
General-purpose input/output ports
D16 to D23
Signal pins of external data bus (bit16 to bit23)
10 to 17
P00_0 to P00_7
I/O
A
General-purpose input/output ports
D24 to D31
Signal pins of external data bus (bit24 to bit31)
18 to 25
P07_0 to P07_7
I/O
A
General-purpose input/output ports
A0 to A7
Signal pins of external address bus (bit0 to bit7)
28 to 35
P06_0 to P06_7
I/O
A
General-purpose input/output ports
A8 to A15
Signal pins of external address bus (bit8 to bit15)
36 to 43
P05_0 to P05_7
I/O
A
General-purpose input/output ports
A16 to A23
Signal pins of external address bus (bit16 to bit23)
44, 45
P04_0, P04_1
I/O
A
General-purpose input/output ports
A24, A25
Signal pins of external address bus (bit24, bit25)
46 to 49
P08_0 to P08_3
I/O
A
General-purpose input/output ports
WRX0 to WRX3
External write strobe output pins
50
P08_4
I/O
A
General-purpose input/output port
RDX
External read strobe output pin
51
P08_5
I/O
A
General-purpose input/output port
BGRNTX
External bus release reception output pin
54
P08_6
I/O
A
General-purpose input/output port
BRQ
External bus release request input pin
55
P08_7
I/O
A
General-purpose input/output port
RDY
External ready input pin
56 to 59
P09_0 to P09_3
I/O
A
General-purpose input/output ports
CSX0 to CSX3
Chip select output pins
60, 61
P09_6, P09_7
I/O
A
General-purpose input/output ports
CSX6, CSX7
Chip select output pins
62
P10_1
I/O
A
General-purpose input/output port
ASX
Address strobe output pin
63
P10_2
I/O
A
General-purpose input/output port
BAAX
Burst address advance output pin
64
P10_3
I/O
A
General-purpose input/output port
WEX
Write enable output pin
65
P10_4
I/O
A
General-purpose input/output port
MCLKO
Clock output pin for memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com