Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DB Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 88Page - Cypress Semiconductor MB91F467DB Datasheet HTML 89Page - Cypress Semiconductor MB91F467DB Datasheet HTML 90Page - Cypress Semiconductor MB91F467DB Datasheet HTML 91Page - Cypress Semiconductor MB91F467DB Datasheet HTML 92Page - Cypress Semiconductor MB91F467DB Datasheet HTML 93Page - Cypress Semiconductor MB91F467DB Datasheet HTML 94Page - Cypress Semiconductor MB91F467DB Datasheet HTML 95Page - Cypress Semiconductor MB91F467DB Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 92 of 137
MB91460D Series
(Continued)
*1 : Supply current at AVCC5, if A/D converter and ALARM comparator are not operating,
(VDD5 = AVCC5 = AVRH = 5.0 V)
*2 : Input current at AVRH5, if A/D converter is not operating, (VDD5 = AVCC5 = AVRH = 5.0 V)
Sampling Time Calculation
Tsamp = ( 2.6 kOhm + REXT) × 11pF × 7; for 4.5V  AVCC5  5.5V
Tsamp = (12.1 kOhm + REXT) × 11pF × 7; for 3.0V  AVCC5  4.5V
Conversion Time Calculation
Tconv = Tsamp + Tcomp
Definition of A/D converter terms
• Resolution
Analog variation that is recognizable by the A/D converter.
• Nonlinearity error
Deviation between actual conversion characteristics and a straight line connecting the zero transition point
(00 0000 0000B 00 0000 0001B) and the full scale transition point (11 1111 1110B 11 1111 1111B).
• Differential nonlinearity error
Deviation of the input voltage from the ideal value that is required to change the output code by 1 LSB.
• Total error
This error indicates the difference between actual and theoretical values, including the zero transition error, full scale transition
error, and nonlinearity error.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Reference voltage range
AVRH
AVRH5
0.75 ×
AVCC5
—AVCC5V
AVRL
AVSS5AVSS5—
AVCC5 × 0.25
V
Power supply current
IA
AVCC5—
2.5
5
mA
A/D Converter ac-
tive
IAH
AVCC5—
—
5
μA
A/D Converter not
operated *1
Reference voltage current
IR
AVRH5
—
0.7
1
mA
A/D Converter ac-
tive
IRH
AVRH5
—
—
5
μA
A/D Converter not
operated *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com