Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB91F467DB Datasheet HTML 1Page - Cypress Semiconductor MB91F467DB Datasheet HTML 2Page - Cypress Semiconductor MB91F467DB Datasheet HTML 3Page - Cypress Semiconductor MB91F467DB Datasheet HTML 4Page - Cypress Semiconductor MB91F467DB Datasheet HTML 5Page - Cypress Semiconductor MB91F467DB Datasheet HTML 6Page - Cypress Semiconductor MB91F467DB Datasheet HTML 7Page - Cypress Semiconductor MB91F467DB Datasheet HTML 8Page - Cypress Semiconductor MB91F467DB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
MB91460D Series
FR60 32-bit Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04613 Rev. *A
Revised April 6, 2016
MB91460D series is a line of general-purpose 32-bit RISC microcontrollers designed for embedded control applications which require
high-speed real-time processing, such as consumer devices and on-board vehicle systems. This series uses the FR60 CPU, which
is compatible with the FR family of CPUs.
This series contains the LIN-USART and CAN controllers.
Features
FR60 CPU core
■ 32-bit RISC, load/store architecture, five-stage pipeline
■ 16-bit fixed-length instructions (basic instructions)
■ Instruction execution speed: 1 instruction per cycle
■ Instructions including memory-to-memory transfer, bit
manipulation, and barrel shift instructions: Instructions suitable
for embedded applications
■ Function entry/exit instructions and register data multi-load
store instructions : Instructions supporting C language
■ Register interlock function: Facilitating assembly-language
coding
■ Built-in multiplier with instruction-level support
❐ Signed 32-bit multiplication: 5 cycles
❐ Signed 16-bit multiplication: 3 cycles
■ Interrupts (save PC/PS) : 6 cycles (16 priority levels)
■ Harvard architecture enabling program access and data
access to be performed simultaneously
■ Instructions compatible with the FR family
Internal peripheral resources
■ General-purpose ports : Maximum 170 ports
■ DMAC (DMA Controller)
❐ Maximum of 5 channels able to operate simultaneously.
(External to external : 1 channel)
❐ 3 transfer sources (external pin/internal peripheral/software)
❐ Activation source can be selected using software.
❐ Addressing mode specifies full 32-bit addresses
(increment/decrement/fixed)
❐ Transfer mode (demand transfer/burst transfer/step
transfer/block transfer)
❐ Fly-by transfer support (between external I/O and memory)
❐ Transfer data size selectable from 8/16/32-bit
❐ Multi-byte transfer enabled (by software)
❐ DMAC descriptor in I/O areas (200H to 240H, 1000H to
1024H)
■ A/D converter (successive approximation type)
❐ 10-bit resolution: 24 channels
❐ Conversion time: minimum 1
s
■ External interrupt inputs : 14 channels
❐ 8 channels shared with CAN RX or I2C pins
■ Bit search module (for REALOS)
❐ Function to search from the MSB (most significant bit) for the
position of the first “0”, “1”, or changed bit in a word
■ LIN-USART (full duplex double buffer): 5 channels
❐ Clock synchronous/asynchronous selectable
❐ Sync-break detection
❐ Internal dedicated baud rate generator
■ I2C bus interface (supports 400 kbps): 3 channels
❐ Master/slave transmission and reception
❐ Arbitration function, clock synchronization function
■ CAN controller (C-CAN): 3 channels
❐ Maximum transfer speed: 1 Mbps
❐ 32 transmission/reception message buffers
■ Stepper motor controller : 6 channels
❐ 4 high current output to each channel
❐ 2 synchronized PWMs per channel (8/10-bit)
■ Sound generator : 1 channel
❐ Tone frequency : PWM frequency divide-by-two (reload value
1)
■ Alarm comparator : 1 channel
❐ Monitor external voltage
❐ Generate an interrupt in case of voltage lower/higher than
the defined thresholds (reference voltage)
■ 16-bit PPG timer : 12 channels
■ 16-bit PFM timer : 1 channel
■ 16-bit reload timer: 8 channels
■ 16-bit free-run timer: 8 channels (1 channel each for ICU and
OCU)
■ Input capture: 8 channels (operates in conjunction with the
free-run timer)
■ Output compare: 4 channels (operates in conjunction with the
free-run timer)
■ Up/Down counter: 3 channels (3*8-bit or 1*16-bit + 1*8-bit)
■ Watchdog timer
■ Real-time clock
■ Low-power consumption modes : Sleep/stop mode function
■ Supply Supervisor: Low voltage detection circuit for external
VDD5 and internal 1.8V core voltage


Similar Part No. - MB91F467DB

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F467DB FUJITSU-MB91F467DB Datasheet
1Mb / 140P
32-bit Microcontroller
MB91F467DBPFVS-GSE2 FUJITSU-MB91F467DBPFVS-GSE2 Datasheet
1Mb / 140P
32-bit Microcontroller
MB91F467DBPVS-GSE2 FUJITSU-MB91F467DBPVS-GSE2 Datasheet
1Mb / 140P
32-bit Microcontroller
More results

Similar Description - MB91F467DB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
numberHigh-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
High-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
High-performance 32-bit RISC Architecture
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
32-bit RISC, load/store architecture, five-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
32-bit RISC, load/store architecture, 5-stage pipeline
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
32-bit load/store RISC architecture
Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com