Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DB Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 26Page - Cypress Semiconductor MB91F467DB Datasheet HTML 27Page - Cypress Semiconductor MB91F467DB Datasheet HTML 28Page - Cypress Semiconductor MB91F467DB Datasheet HTML 29Page - Cypress Semiconductor MB91F467DB Datasheet HTML 30Page - Cypress Semiconductor MB91F467DB Datasheet HTML 31Page - Cypress Semiconductor MB91F467DB Datasheet HTML 32Page - Cypress Semiconductor MB91F467DB Datasheet HTML 33Page - Cypress Semiconductor MB91F467DB Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 30 of 137
MB91460D Series
8.4.7 TBR (Table Base Register)
The table base register stores the starting address of the vector table used in EIT processing.
The initial value at reset is 000FFC00H.
8.4.8 RP (Return Pointer)
The return pointer stores the address for return from subroutines.
During execution of a CALL instruction, the PC value is transferred to this RP register.
During execution of a RET instruction, the contents of the RP register are transferred to PC.
The initial value at reset is undefined.
8.4.9 USP (User Stack Pointer)
The user stack pointer, when the S flag is “1”, this register functions as the R15 register.
•The USP register can also be explicitly specified.
The initial value at reset is undefined.
•This register cannot be used with RETI instructions.
8.4.10 Multiply & divide registers
These registers are for multiplication and division, and are each 32 bits in length.
The initial value at reset is undefined.
bit 0
bit 31
000FFC00H
Initial value
bit 0
bit 31
XXXXXXXXH
Initial value
bit 0
bit 31
XXXXXXXXH
Initial value
bit 0
MDL
bit 31
MDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com