Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1R-EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Datasheet(HTML) 3 Page - Analog Devices

  ADA4530-1R-EBZ Datasheet HTML 1Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 2Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 3Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 4Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ADA4530-1R-EBZ User Guide
UG-865
Rev. 0 | Page 3 of 14
HARDWARE COMPONENTS
BOARD ASSEMBLY
The ADA4530-1R-EBZ evaluation board is available in two
default configurations:
ADA4530-1R-EBZ-BUF: amplifier is populated in buffer
configuration
ADA4530-1R-EBZ-TIA: amplifier is populated in
transimpedance configuration
Both evaluation boards are pre-assembled with necessary
components, except for SHIELD2. SHIELD2 is included in the
kit, but not installed.
See the Amplifier Configurations section for all other possible
configurations.
INPUT, OUTPUT, AND SUPPLIES
ADA4530-1R-EBZ-TIA is populated with an input BNC
connector (J1) that connects to the amplifier inverting pin
through JP2.
ADA4530-1R-EBZ-BUF is populated with an input triax
connector (J1). The inner conductor of J1 is the high impedance
connection through JP1 to the noninverting pin of the
ADA4530-1. The inner braided shield is a guard; the driving
source is configured with JP3. The outer braided shield is the
signal return; it is connected to GND.
The evaluation board uses JP3 to select the driving source of the
triax guard. Table 1 shows the three different configurations of
JP3.
Table 1. JP3 Configuration
JP3
Description
Unconnected
Triax guard is externally driven. This
configuration is used when the guard is driven
by an external test equipment, such as a
picoammeter. This configuration is also by
default on both the ADA4530-1R-EBZ-TIA and
ADA4530-1R-EBZ-BUF boards.
Short
TRIAX GUARD
to AMP GUARD
Triax guard is driven by the ADA4530-1 guard
buffer. This configuration is useful if the
ADA4530-1R-EBZ-BUF is connected to a
passive sensor.
Short
TRIAX GUARD
to GND
Triax guard is connected to signal ground. This
configuration is useful when the amplifier is in
transimpedance configuration with the
noninverting pin connected to signal ground.
The evaluation board output can be measured with two
different options:
1.
BNC connector (J2) allows BNC cabling
2.
Terminal block (J7) allows wire-to-board connection
A VOUT_TP test point is also provided.
RO isolates the output load from the amplifier output to prevent
any oscillation from excessive capacitive loading. A 499 Ω
resistor is mounted on-board.
Power supplies to the board can be applied in two different ways:
1.
V+ (J3), GND (J4), and V− (J5) allow banana plugs to be used
2.
Terminal block (J6) allows wire-to-board connection
V+_TP, GND_TP, and V−_TP test points are provided.
GUARD AND SHIELD
The ADA4530-1R-EBZ board uses guard rings, a guard plane,
and a via fence to entirely guard the high impedance input
traces against leakage current. On the top layer, the guard ring
encircle the inverting and noninverting input components (see
Figure 3). Guard via fences from the top layer to bottom layer
are also used to encircle the high impedance inputs to prevent
leakage currents from inner layers of the board. For more
information on the physical implementation of guarding
techniques, see the ADA4530-1 data sheet.
The copper shield traces, SHIELD1, SHIELD2, and SHIELD3
allow soldered metal shields to enclose the high impedance inputs
as a means to avoid electrostatic interference. The shield traces
are electrically connected to the amplifier guard potential.
SHIELD1 and SHIELD3 are 1 inch × 1.5 inch × 0.25 inch metal
shields and are pre-assembled on board. There is a high
impedance pin socket (P7) that goes through the bottom of the
board, and hence SHIELD3 is populated at the bottom of the
board. Other than providing electrostatic shielding, the shields
also prevent contamination from fingerprints, dust, and other
contaminants to the high impedance inputs.
SHIELD2 is a 1.5 inch × 3 inch × 0.75 inch metal shield and is
provided separately with the evaluation board. It is used when
large through hole resistors are populated on board. RF clips
are assembled to hold the shield in place. Note that it is
sufficient to remove the SHIELD1 cover, without needing to
desolder SHIELD1, to accommodate SHIELD2 when large
through hole resistors are used.
GUARD RING
GUARD VIA FENCE
Figure 3. Guarding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com