Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1R-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 10Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 11Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 12Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ADA4530-1R-EBZ User Guide
UG-865
Rev. 0 | Page 9 of 14
TRANSIMPEDANCE WITH DIRECT SENSOR
CONNECTION
The ADA4530-1R-EBZ-TIA board can be reconfigured to allow
direct sensor connection. The P6 and P1, P2, or P3 pins are
provided to allow assembly of a photodiode. To reconfigure the
board, remove the input BNC connector (J1). The user must then
access Pin P6 (the inner conductor pin of the BNC connector).
Assemble the photodiode of choice between P6 and P1, P2, or P3.
P1, P2, and P3 are electrically connected to signal ground.
These three pins are provided to allow different photodiode
packages to be used, for example: TO-19, TO-5, or TO-8.
Table 8. Transimpedance with Direct Sensor Connection
Pad/Connector Configuration1
Pad/Connector
Description
CF1
Feedback capacitor2
J1
Remove J1
JP2
0 Ω
JP3
Unconnected
RS1
0 Ω
RF13
Use pre-assembled 10 GΩ resistor or
replace with SMT resistor of choice
RF23
Used with through hole feedback resistor
1 Use the ADA4530-1R-EBZ-TIA board.
2 See the Photodiode Interface section in the ADA4530-1 data sheet on how
to select CF1
3 Assemble either RF1 or RF2.
PHOTODIODE
RS1
0Ω
RF2
CF1
JP2
Figure 17. Transimpedance with Direct Sensor Connection
U1
VOUT
RO
499Ω
RF1 (SMT)
RF2 (THROUGH HOLE)
CF1
JP2
0Ω
PHOTODIODE
RS1
0Ω
V+
V–
J2
(BNC)
OUTPUT
Figure 18. Transimpedance with Direct Sensor Connection Schematic
INVERTING GAIN
To configure the ADA4530-1 in an inverting gain, use the
components shown in Table 9. Choose appropriate RF1 and JP2
values for the desired gain.
Table 9. Inverting Gain Pad Configuration1
Pad
Description
JP2
Populate with resistor of choice
RS1
0 Ω
RF1
Replace 10 GΩ with resistor of choice
1 Use the ADA4530-1R-EBZ-TIA board.
RF1
RS1
0Ω
JP2
Figure 19. Inverting Gain
J1
(BNC)
INPUT
J2
(BNC)
OUTPUT
U1
V+
VOUT
RO
499Ω
RF1
V–
JP2
RS1
0Ω
Figure 20. Inverting Gain Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com