Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1R-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4530-1R-EBZ Datasheet HTML 2Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 3Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 4Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
UG-865
ADA4530-1R-EBZ User Guide
Rev. 0 | Page 6 of 14
AMPLIFIER CONFIGURATIONS
This section describes the different configurations possible with
the evaluation board. For some configurations, remove stated pre-
assembled components to allow assembly of new components of
choice. After any rework, the evaluation board must be cleaned
according to the Cleaning and Handling section.
BUFFER WITH TRIAX GUARD EXTERNALLY
DRIVEN (ADA4530-1R-EBZ-BUF)
The amplifier on this evaluation board is defaulted to a buffer
configuration. An input signal can be applied through the triax
connector, J1. Note that JP3 is left unconnected by default so
that the triax guard can to be driven by external test equipment.
For direct input bias current (IB) measurement, connect an
electrometer such as the Keithley 6430 to the board via J1. The
Keithley 6430 internal guard buffer drives the triax guard (see
Figure 5 and Figure 6 for the configuration). Details regarding
IB measurement are described in the AN-1373 Application Note.
Table 2. Buffer with Triax Guard Externally Driven
Pad/Connector Configuration
Pad/Connector
Description
JP1
0 Ω
JP3
Unconnected
RF1
0 Ω
RF1
0Ω
JP1
0Ω
Figure 5. Buffer with Triax Guard Externally Driven
U1
V+
VOUT
RO
499Ω
RF1
0Ω
J2
(BNC)
OUTPUT
J1
(TRIAX)
INPUT
TRIAX
GUARD IS
EXTERNALLY
DRIVEN
V–
JP1
0Ω
Figure 6. Buffer with Triax Guard Externally Driven Schematic
BUFFER WITH TRIAX GUARD DRIVEN BY AMP
GUARD
For a buffer configuration where the triax guard is not driven by
any external test equipment, TRIAX GUARD must be shorted to
AMP GUARD via JP3. This configuration is useful when the
buffer is connected to a passive sensor (or an input signal).
Table 3 shows the recommended component values.
Table 3. Buffer with Triax Guard Driven by Amp Guard
Pad/Connector Configuration1
Pad/Connector
Description
JP1
0 Ω
JP3
Short TRIAX GUARD to AMP GUARD
RF1
0 Ω
1 Use the ADA4530-1R-EBZ-BUF board.
SHORT TRIAX GUARD
TO AMP GUARD
RF1
0Ω
JP1
0Ω
Figure 7. Buffer with Triax Guard Driven by Amp Guard
TRIAX
GUARD IS
CONNECTED TO
AMP GUARD
RO
499Ω
J2
(BNC)
OUTPUT
U1
V+
VOUT
RF1
0Ω
V–
JP1
0Ω
J1
(TRIAX)
INPUT
Figure 8. Buffer with Triax Guard Driven by Amp Guard Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com