Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1R-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4530-1R-EBZ Datasheet HTML 1Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 2Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 3Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 4Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADA4530-1R-EBZ User Guide
UG-865
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluation Board for the ADA4530-1 8-Lead SOIC Package
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 14
FEATURES
Footprint for ADA4530-1 8-lead SOIC package
Footprints for passive components
Available in buffer or transimpedance configuration
Easy modifications to other standard configurations
Guard ring to minimize leakage current
Assembled with metal shields
Enables quick prototyping
Easy connection to test equipment
GENERAL DESCRIPTION
The ADA4530-1R-EBZ is an evaluation board for the ADA4530-1
offered in an 8-lead SOIC package. The ADA4530-1R-EBZ is a
4-layer printed circuit board (PCB) designed to minimize
leakage currents with its guard ring features for femtoampere
input bias current (IB) measurement.
The ADA4530-1R-EBZ is available in two default configurations:
buffer (ADA4530-1R-EBZ-BUF) and transimpedance
(ADA4530-1R-EBZ-TIA). Both boards are populated with the
necessary passive components, banana jacks/terminal blocks for
supply voltages, BNC/terminal blocks for the output voltage,
multiple test pins, and metal shields. All components are placed
on the primary side with the exception of the triaxial (triax)/
coaxial (coax) input connector (J1) and SHIELD3.
The ADA4530-1R-EBZ also has unpopulated resistor and
capacitor pads that allows quick prototyping with different
configurations, such as noninverting gain and inverting gain.
Specifications for the ADA4530-1 are provided in the
ADA4530-1 data sheet available from Analog Devices, Inc.
The ADA4530-1 data sheet and the AN-1373 Application Note
should be consulted in conjunction with this user guide when
using the evaluation board.
Figure 1 shows the top view of the evaluation board, and Figure 2
shows the bottom view. For more views of the evaluation board
images, see the ADA4530-1R-EBZ Evaluation Board Photographs
section.
EVALUATION BOARD PHOTOGRAPHS
Figure 1. ADA4530-1R-EBZ Top View
Figure 2. ADA4530-1R-EBZ Bottom View


Similar Part No. - ADA4530-1R-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4530-1R-EBZ-BUF AD-ADA4530-1R-EBZ-BUF Datasheet
1Mb / 51P
Femtoampere Input Bias Current Electrometer Amplifier
Rev. A
ADA4530-1R-EBZ-BUF AD-ADA4530-1R-EBZ-BUF Datasheet
4Mb / 52P
Femtoampere Input Bias Current Electrometer Amplifier
Rev. C
ADA4530-1R-EBZ-TIA AD-ADA4530-1R-EBZ-TIA Datasheet
1Mb / 51P
Femtoampere Input Bias Current Electrometer Amplifier
Rev. A
ADA4530-1R-EBZ-TIA AD-ADA4530-1R-EBZ-TIA Datasheet
4Mb / 52P
Femtoampere Input Bias Current Electrometer Amplifier
Rev. C
More results

Similar Description - ADA4530-1R-EBZ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BXY42BA-3 SIEMENS-BXY42BA-3 Datasheet
17Kb / 2P
Silicon PIN Diode (Fast switching In stripline package other lead configurations available)
logo
Mallory performance clu...
1361 MALLORY-1361 Datasheet
42Kb / 1P
ENGINE MODIFICATIONS FOR O-RING DISTRIBUTORS
logo
List of Unclassifed Man...
M254032FV ETC2-M254032FV Datasheet
412Kb / 3P
Eight standard circuit configurations available
logo
STMicroelectronics
AN2046 STMICROELECTRONICS-AN2046 Datasheet
411Kb / 19P
STR71X CLOCK CONFIGURATIONS EASY SETUP
Rev. 2
logo
Shanghai Semitech Semic...
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
Unidirectional Configurations
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
Unidirectional Configurations
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
Unidirectional Configurations
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
Easy to drive
17-Jan-2014
logo
Ningbo Tianbo Ganglian ...
HJQ-22F-2 TIANBO-HJQ-22F-2 Datasheet
1Mb / 3P
2 to 3 pole configurations
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
Easy to Configure
Rev 0; 5/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com