Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-080 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK672-080 Datasheet HTML 1Page - Sanyo Semicon Device STK672-080 Datasheet HTML 2Page - Sanyo Semicon Device STK672-080 Datasheet HTML 3Page - Sanyo Semicon Device STK672-080 Datasheet HTML 4Page - Sanyo Semicon Device STK672-080 Datasheet HTML 5Page - Sanyo Semicon Device STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Ordering number : ENN6507A
52004TN (OT) / 22002TN (OT) No. 6507-1/17
Overview
The STK672-080 is a stepping motor driver hybrid IC that
uses power MOSFETs in the output stage. It includes a
built-in microstepping controller and is based on a
unipolar constant-current PWM system. The STK672-080
supports application simplification and standardization by
providing a built-in 4 phase distribution stepping motor
controller. It supports five excitation methods: 2 phase,
1-2 phase, W1-2 phase, 2W1-2 phase, and 4W1-2 phase
excitations, and can provide control of the basic stepping
angle of the stepping motor divided into 1/16 step units. It
also allows the motor speed to be controlled with only a
clock signal.
The use of this hybrid IC allows designers to implement
systems that provide high motor torques, low vibration
levels, low noise, fast response, and high-efficiency drive.
Compared to the earlier SANYO STK672-050, the
STK672-080 features a significantly smaller package for
easier mounting in end products.
Applications
• Facsimile stepping motor drive (send and receive)
• Paper feed and optical system stepping motor drive in
copiers
• Laser printer drum drive
• Printer carriage stepping motor drive
• X-Y plotter pen drive
• Other stepping motor applications
Features
• Can implement stepping motor drive systems simply by
providing a DC power supply and a clock pulse
generator.
<Control Block Features>
• One of five drive types can be selected with the drive
mode settings (M1, M2, and M3)
—2 phase excitation drive
—1-2 phase excitation drive
—W1-2 phase excitation drive
—2W1-2 phase excitation drive
—4W1-2 phase excitation drive
• Phase retention even if excitation is switched.
• The MOI phase origin monitor pin is provided.
• The CLK input counter block can be selected to be one of
the following by the high/low setting of the M3 input pin.
—Rising edge only
—Both rising and falling edges
Note*: Conditions: VCC1 = 24 V, IOH = 2.0 A, 2W1-2
excitation mode.
Continued on next page.
Package Dimensions
unit: mm
4186
1
15
46.6
41.2
(6.6)
14
×2.0=28
3.6
0.5
2.0
8.5
0.4
2.9
[STK672-080]
STK672-080
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Stepping Motor Driver (Sine Wave Drive) Output Current: 2.8 A (No Heat Sink*)
Unipolar constant-current chopper (external excitation PWM) circuit with built-in microstepping controller
Thick-Film Hybrid IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - STK672-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
Stepping Motor Driver Output Current 2.8A
More results

Similar Description - STK672-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
Stepping Motor Driver Output Current 1.5A
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
Stepping Motor Driver Output Current 2.8A
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com