Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-080 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK672-080 Datasheet HTML 1Page - Sanyo Semicon Device STK672-080 Datasheet HTML 2Page - Sanyo Semicon Device STK672-080 Datasheet HTML 3Page - Sanyo Semicon Device STK672-080 Datasheet HTML 4Page - Sanyo Semicon Device STK672-080 Datasheet HTML 5Page - Sanyo Semicon Device STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Test Circuit Diagrams
No. 6507-5/17
STK672-080
11
8
9
7
13
1
2
3
4
5
A
RL
AB
B
BB
6
+
VCC2
VCC2
STK672-080
Start
Vref=2.5V
V
1
2
3
4
5
A
AB
B
BB
6
VCC1
STK672-080
V
A
A13257
A13258
Vsat
Vdf
IIH, IIL
loave, Icc, fc
To measuring Io ave: With SW1 set to the b position, input Vref and switch SW2.
To measuring fc: With SW1 set to the a position, set Vref to 0 V, and switch SW3.
To measuring Icc: Set the ENABLE pin low.
+
Start
11
8
9
7
13
1
2
3
4
5
A
a
b a
b
AB
B
SW2
SW3
SW1
BB
6
15
VCC2
Vref
ENABLE
VCC1
VCC1
STK672-080
A13260
8
1
6
A
A
2.5V
VCC2
M1
STK672-080
A13259
9
M2
12
M3
11
CLK
10
CWB
14
13
RESET
15
ENABLE
7
Vref
A
A
fc
IIL
IIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com