Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-080 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 3Page - Sanyo Semicon Device STK672-080 Datasheet HTML 4Page - Sanyo Semicon Device STK672-080 Datasheet HTML 5Page - Sanyo Semicon Device STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device STK672-080 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
No. 6507-7/17
STK672-080
D1
Rs
L2
VCC1
IOFF
L1
MOSFET
Enable
Divider
Latch circuit
CR
oscillator
Current
divider
Noise
filter
ØA (control signal)
AND
Q
S
R
800kHz
45kHz
Vref
A=1
–
+
ION
A13263
Functional Description
External Excitation Chopper Drive Block Description
Since this hybrid IC adopts an external excitation method, no external oscillator circuit is required.
When a high level is input to øA in the basic driver block circuit shown in the figure and the MOSFET is turned on, the
comparator + input will go low and the comparator output will go low. Since a set signal with the PWM period will be
input, the Q output will go high, and the MOSFET will be turned on as its initial value.
The current ION flowing in the MOSFET passes through L1 and generates a potential difference in Rs. Then, when the Rs
potential and the Vref potential become the same, the comparator output will invert, and the reset signal Q output will
invert to the low level. Then, the MOSFET will be turned off and the energy stored in L1 will be induced in L2 and the
current IOFF will be regenerated to the power supply. This state will be maintained until the time when an input to the
latch circuit set pin occurs.
In this manner, the Q output is turned off and on repeatedly by the reset and set signals, thus implementing constant
current control. The resistor and capacitor on the comparator input are spike removal circuit elements and synchronize
with the PWM frequency. Since this hybrid IC uses a fixed frequency due to the external excitation method and at the
same time also adopts a synchronized PWM technique, it can suppress the noise associated with holding a position when
the motor is locked.
Driver Block Basic Circuit Structure
Input Pin Functions
Pin No.
Symbol
Function
Pin circuit type
11
CLK
Phase switching clock
Built-in pull-up resistor CMOS Schmitt trigger input
10
CWB
Rotation direction setting (CW/CCW)
Built-in pull-up resistor CMOS Schmitt trigger input
15
ENABLE
Output cutoff
Built-in pull-up resistor CMOS Schmitt trigger input
8, 9, 12
M1, M2, M3
Excitation mode setting
Built-in pull-up resistor CMOS Schmitt trigger input
13
RESET
System reset
Built-in pull-up resistor CMOS Schmitt trigger input
7
Vref
Current setting
Input impedance 6 k
Ω (typ.) ±30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com