Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-080 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 2Page - Sanyo Semicon Device STK672-080 Datasheet HTML 3Page - Sanyo Semicon Device STK672-080 Datasheet HTML 4Page - Sanyo Semicon Device STK672-080 Datasheet HTML 5Page - Sanyo Semicon Device STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
No. 6507-6/17
STK672-080
7
5
A
Two-phase stepping motor
AB
6
14
14
8
14
14
9
14
14
12
15
11
13
10
14
+
+
VCC2=5V
VCC2=5V
SG
PG
Vref
Ro1
Ro2
VCC2=5V
CLK
ENABLE
CBW
Vf
≈ 0.3V
RESET
MoI
VCC1=10V to 45V
STK672-080
A13261
B
BB
RoX
4
3
2
1
Ioave
IOL IOH
0A
Motor current waveform
A13262
Simplified power-on reset circuit
(This circuit cannot be used to detect
drops in the power-supply voltage.)
A value of about 100
Ω is recommended for
RO2 to minimize the influence of the Vref
pin internal impedance, which is 6 k
Ω.
ROX: The input impedance is 6 kΩ ±30%.
Power-on reset
The application must perform a power-on reset operation when VCC2 power is first applied to this hybrid IC.
Application circuit that used 2W1-2 phase excitation (microstepping operation) mode.
Setting the Motor Current
The motor current IOH is set by the Vref voltage on the hybrid IC pin 7. The following formula gives the relationship
between IOH and Vref.
ROX = (RO2 × 6 kΩ) ÷ (RO2 + 6 kΩ) ·············(1)
Vref = VCC2 × ROX ÷ (RO1 + ROX) ··············(2)
1
Vref
IOH = — × —— ·············································(3)
k
RS
K: 4.7 (Voltage division ratio), Rs: 0.15
Ω (The hybrid IC’s internal current detection resistor (precision: ±3%)
Applications can use motor currents from the current (0.05 to 0.1 A) set by the duty of the frequency set by the oscillator
up to the limit of the allowable operating range, IOH = 2.8 A
Function Table
M2
0
0
1
1
M1
0
1
0
1
Phase switching clock edge timing
M3
1
2 phase excitation
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
Rising edge only
0
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation 4W1-2 phase excitation
Rising and falling edges
Forward
Reverse
CWB
0
1
ENABLE
Motor current is cut off when low
RESET
Active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com