Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8737L Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
LMZC
None (first
gain
change
would
overwrite!)
Left Mic preamp Zero-Cross Enable
0: Change gain immediately
1: Change gain on zero crossing only
2
LPZC
1
Left PGA Zero-Cross Enable
0: Change gain immediately
1: Change gain on zero crossing only
R2 (02h)
Audio Path Left
1:0
LZCTO[1:0]
11
Left Zero-Cross Time-Out
00: 256/fs
01: 512/fs
10: 1024/fs
11: 2048/fs (42.67ms at 48kHz)
This timeout applies to both the PGA
and mic preamp zero-cross watchdog
timers.
3
RMZC
None
Right Mic preamp Zero-Cross Enable
Same as LMZC but for right channel
2
RPZC
1
Right PGA Zero-Cross Enable
Same as LMZC but for right channel
R3 (03h)
Audio Path
Right
1:0
RZCTO[1:0]
11
Right Zero-Cross Time-Out
Same as LMZC but for right channel
Table 8 Zero-Cross Detection Control
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8737L uses a multi-bit, oversampled sigma-delta ADC for each channel. The use of multi-bit
feedback and high oversampling rates reduces the effects of jitter and high frequency noise. The
ADC full-scale input level is proportional to AVDD. With a 3.3V supply voltage the full scale level is
1.0 Volt rms (+/-1.414 Volts peak). Any voltage greater than full-scale will overload the ADC and
cause distortion.
ADC THD+N VERSUS POWER CONTROL
The ADCs can be operated in ‘normal mode’, which offers best THD+N performance at the cost of
highest power dissipation, or in ‘low power mode’ which offers significant power savings at the cost of
slightly reduced THD+N performance. The ADCs operating mode is controlled by the LP bit in
register R5. See the ‘Power Consumption’ section for power requirements in both modes.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC Control
2
LP
0
ADC power mode control
0: Both ADCs in normal mode (best
THD+N)
1: Both ADCs in low power mode
Table 9 ADC Power Control
ADC DIGITAL FILTER
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path is illustrated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com