Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8737L Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
WM8737L
Preliminary Technical Data
w
AI Rev 3.0 May 2004
20
Figure 7 ADC Digital Filter
The ADC digital filters contain a digital high pass filter, selectable via software control. The high-pass
filter response is detailed in the “Digital Filter Characteristics” section. When the high-pass filter is
enabled the dc offset is continuously calculated and subtracted from the input signal. By setting
HPOR, the last calculated d.c. offset value is maintained but still subtracted from the input.
The output data format can be programmed by the user to accommodate stereo or monophonic
recording on both inputs. The polarity of the output signal can also be changed under software
control. The software control is shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ADCHPD
0
ADC High Pass Filter Enable (Digital)
1: Disable High Pass Filter
0: Enable High Pass Filter
4
HPOR
0
Store dc offset
0: Present offset maintained
1: Continuously update offset
R5 (05h)
ADC Control
6:5
POLARITY
00
00: Polarity not inverted
01: L polarity invert
10: R polarity invert
11: L and R polarity invert
Table 10 ADC Control
3D STEREO ENHANCEMENT
The WM8737L has a 3D stereo enhancement function for use in applications where the natural
separation between stereo channels is low. The function is activated by the 3DEN bit, and artificially
increases the separation between the left and right channels. The 3DDEPTH setting controls the
degree of stereo expansion. Additionally, one of four filter characteristics can be selected for the 3D
processing, using the 3DFILT control bits.
When 3D enhancement is enabled (and/or the tone control for playback) it may be necessary to
attenuate the signal by 6dB to avoid limiting. This is a user selectable function, enabled by setting
DIV2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com