Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8737L Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
29
MCLK
CLKDIV2=0
MCLK
CLKDIV2=1
ADC SAMPLE RATE
USB
SR [4:0]
FILTER
TYPE
Normal Clock Mode
8 kHz (MCLK/1536)
0
00100
A
12 kHz (MCLK/1024)
0
01000
A
16 kHz (MCLK/768)
0
01010
A
24 kHz (MCLK/512)
0
11100
A
32 kHz (MCLK/384)
0
01100
A
48 kHz (MCLK/256)
0
00000
A
12.288MHz
24.576MHz
96 kHz (MCLK/128)
0
01110
B
8.0182 kHz (MCLK/1408)
0
10100
A
11.025 kHz (MCLK/1024)
0
11000
A
22.05 kHz (MCLK/512)
0
11010
A
44.1 kHz (MCLK/256)
0
10000
A
11.2896MHz
22.5792MHz
88.2 kHz (MCLK/128)
0
11110
B
8 kHz (MCLK/2304)
0
00101
A
12 kHz (MCLK/1536)
0
01001
A
16 kHz (MCLK/1152)
0
01011
A
24 kHz (MCLK/768)
0
11101
A
32 kHz (MCLK/576)
0
01101
A
48 kHz (MCLK/384)
0
00001
A
18.432MHz
36.864MHz
96 kHz (MCLK/192)
0
01111
B
8.0182 kHz (MCLK/2112)
0
10101
A
11.025 kHz (MCLK/1536)
0
11001
A
22.05 kHz (MCLK/768)
0
11011
A
44.1 kHz (MCLK/384)
0
10001
A
16.9344MHz
33.8688MHz
88.2 kHz (MCLK/192)
0
11111
B
USB Mode
8 kHz (MCLK/1500)
1
00100
C
11.0259 kHz (MCLK/1088)
1
11001
A
12 kHz (MCLK/1000)
1
01000
C
16 kHz (MCLK/750)
1
01010
C
22.0588 kHz (MCLK/544)
1
11011
A
24 kHz (MCLK/500)
1
11100
C
32 kHz (MCLK/375)
1
01100
C
44.118 kHz (MCLK/272)
1
10001
A
48 kHz (MCLK/250)
1
00000
C
88.235 kHz (MCLK/136)
1
11111
B
12.000MHz
24.000MHz
96 kHz (MCLK/125)
1
01110
D
Table 16 Master Clock and Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com