Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8737L Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
27
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FORMAT
10
Audio Data Format Select
11: DSP Mode
10: I
2S Format
01: Left justified
00: Right justified
3:2
WL
10
Audio Data Word Length
11: 32 bits (see Note)
10: 24 bits
01: 20 bits
00: 16 bits
right, left & I2S modes – ADCLRC
polarity
1 = invert ADCLRC polarity
0 = normal ADCLRC polarity
4
LRP
0
DSP Mode – mode A/B select
1 = MSB is available on 1st BCLK
rising edge after ADCLRC rising edge
(mode B)
0 = MSB is available on 2nd BCLK
rising edge after ADCLRC rising edge
(mode A)
6
MS
0
Master / Slave Mode Control
1: Master Mode
0: Slave Mode
R7 (07h)
Digital Audio
Interface
Format
7
SDODIS
0
ADCDAT serial data pin disable
0: ADCDAT pin enabled
1: ADCDAT pin off (high impedance)
Table 14 Audio Data Format Control
Note: Right Justified mode does not support 32-bit data. If WL=11 in Right justified mode, the actual
word length is 24 bits.
To prevent any communication problems on the Audio Interface, the interface is disabled (ADCDAT
tristated and floating) when the WM8737L starts up. Once the Audio Interface and sample rates have
been programmed, the audio interface can be activated under software control by setting the AI bit
(see “Power Management” section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com