Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5201000000 Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 94Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 95Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 96Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 97Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 98Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 99Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 100Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 101Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 164 page
background image
ABPU Profile—open on one side
ABP Profile
closed version
ABM...SAL
Mounting lid with recessed surface
for plugs, inserts, etc. Can be
sealed watertight.
ABD
End lid with recessed surface
for front membranes or
membrane keypads.
ABPH Profile
Version with horizontal split for mounting
components that protrude through the
key surface. All profiles feature integral
grooves for inserting PCBs.
SEALS
Colored seals DI...provide ingress pro-
tection up to IP65 between the profile
and the lid. Seals are available in 4 col-
ors plus a black EMC seal DI...EMV.
The EMC and standard seals are suit-
able for a temperature range of -15°C to
+50°. VO seals for temperature ranges
from -30°C to +85°C are available on
request.
ABM...IR / ABM...AL
Mounting lid with a recessed assembly
surface for example, plugs, inserts, etc.
These lids can be sealed watertight with
a push-on cap.
ABM...IR Infrared-permissive plastic cap.
ABM...AL Aluminum cap
All mounting lids are available with
battery comparment ABM...BE for 9V
block batteries.
www.Rose-Bopla.com
96
The Anatomy of ALUBOS
Depending on requirements, various lid designs are avail-
able to complete the Alubos. These designs include simple
end lids, lids with battery compartments, and mounting lids
with aluminum caps or infrared-permissive plastic caps.
Diecast aluminum lids, diecast aluminum mounting lid with
aluminum hinged flap, and diecast aluminum mounting lid
with aluminum profile cap. All lids can be sealed with
colored gaskets up to IP 65.
Diecast aluminum lids with recessed surface for mounting
front membranes or membrane keypads. Colored seals
provide ingress protection up to IP 65.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com