Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5201000000 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 62Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 63Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 64Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 65Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 66Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 67Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 68Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 69Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 164 page
background image
www.Rose-Bopla.com
Front Length
mm
Front Length
Inches
Front Height
mm
Front Height
Inches
FD...(G)
FR...
FO...
BC...(L) - 0.5
BC...(L) - 1
BC...(L) - 1.5
BC...NG(L)
RD/RDK
Accessories
FP...I/AI
M... / K / BK
WL... / K / BK
SR 5670 - 0.5/-1/-1.5
VA 5670
SV 5670 2
BS 5670
175.7
226.5
323.0
6.92
8.92
12.72
146.7
146.7
146.7
5.77
5.77
5.77
• Modular construction ensures that the demands made of a future-oriented enclosure
system are satisfied in the best possible way
• Hinge system design and the possibility of installing prefabricated mounting racks
minimize assembly times
• User-defined access protection
• Double clamp area permits easy, clean wiring with a large number of cable entries
Included in delivery
Modular product sold by individual components. See
below for details.
Technical Data
Color
Material
Gasket Material
Ingress Protection
Surface Resistance
Disruptive Strength
Flammability
Temperature Range
Fronts and bases light gray, similar to RAL 7035. Clear front lid, G-version; side
covers light gray, similar to RAL 7035. Rear parts agate gray, similar to RAL 7038
Special colors on request. Minimum quantities apply.
ABS, except FD...G (clear polycarbonate)
Neoprene
IP 66 (IP 30 with ventilation) / DIN EN 60529, NEMA 4, 4X
ABS, >1014 Ohm to DIN 53482
Polycarbonate, >1015 Ohm to DIN 53482
Polycarbonate 28KV/mm to DIN 53481
Polycarbonate: UL 94 V2/1.14.
ABS: UL 94 HB/1.6
up to +167°F
Model
Number
TE (x 5.08)
HE (x 44.45)
3
3
3
20
30
49
5000
6000
7000
Depth
mm
Depth
Inches
34
34
34
51.1
88.25
139.76
68
50
1.34
1.34
1.34
2.01
3.47
5.50
2.68
1.97
Front lids, clear (Includes: front lid with seal, 2 mounting locks, 1 blind plug, 1 catch)
Front frames, closed (Includes: front frame with seal, 2 snap-on covers, 4 assembly screws)
Front frames, open (Includes: front frame with seal, 2 snap-on covers, 4 assembly screws, 10 front panel assembly screws)
Bases - 0.5 (51.51 mm) construction depth (Includes: BC_000.0.5, base with seal, 2 mounted lockes. BC_000 L-0.5, base with air vents without seal, 2 mounted locks
Bases - 1 (88.25mm) construction depth (Includes: BC_000-1, base with seal, 2 mounted locks. BC_000 L-1, base with air vents without seal, 2 mounted locks
Bases - 1.5 (139.76 mm) construction depth (ncludes, BC_0001.5, base with seal, 2 mounted locks. BC_000 L-1.5, base with air vents without seal, 2 mounted locks)
Base NG (control panel mounting) (Includes: base including mounted set of elements for control panel mounting)
Rear sections with/without terminal compartments (Includes: RD - rear section, RDK - rear section, terminal compartment bar, terminal compartment cover including
seal and assembly screws.
Front panels
Mounting plates for RD...,BC...(L)-...RD...K, RD...BK
Wall bracket
Set of catches
Quick release fastening hinge (2 pieces)
Lock cover / hinged quick-release fastening (Includes: 1 catch, 1 blind plug)
Assembly kit
Part Number
Components
Version
CombiCard 5000-7000
Dimensions without lid
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
For complete information and part numbers please see website. www.rose-bopla.com
•
•
•
•
•
•
•
•
•
Model
RD
•
Front lids, clear
Quick-release fastenings
Lock cover
Lock
Front frames, open
Front frame, closed
Rear sections with/without terminal compartment
FD
FR
BC
FO
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com