Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5201000000 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 80Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 81Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 82Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 83Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 84Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 85Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 86Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 87Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 164 page
background image
www.Rose-Bopla.com
82
37002209 00
37002215 00
37003209 00
37003316 00
37004416 00
37004421 00
37005316 00
37006316 00
37006421 00
37009900 00
• Universal enclosure with hinge and lock
• High quality polished surface 1.4301
• Custom sizes and versions with flange openings or window available (25 piece
minimum)
IGS Stainless Steel Cabinets with Hinges
Included in delivery
Enclosure base with bracket clips and threaded bores for
attachment of mounting rail, hinged cover, double ward
lock, 4 floor break-outs with attachment holes and
sealing plugs.
Technical Data
Material
Ingress Protection
Temperature Range
Seals
Surface
Stainless steel 1.25 mm or 1.5 mm 1.4301 / 304
other matierial on request
IP 65 to EN 60529
-40°F to +176°F
VMQ-(silicone) seal or
PUR-(polyurethane) seal
EMC on request
Polished, 240 grain, other surfaces on request
Part Number
Dimensions
mm
Dimensions
Inches
Number of Locks
L x W x H
L x W x H
7.87 x 9.84 x 3.54
7.87 x 9.84 x 5.90
11.81 x 11.84 x 6.50
13.78 x 9.84 x 3.54
14.96 x 14.96 x 6.50
14.96 x 14.96 x 8.46
19.68 x 11.81 x 6.50
23.62 x 11.81 x 6.50
23.62 x 14.96 x 8.46
1
1
1
1
1
1
1
1
1
200 x 250 x 90
200 x 250 x 150
300 x 300 x 165
350 x 250 x 90
380 x 380 x 165
380 x 380 x 215
500 x 300 x 165
600 x 300 x 165
600 x 380 x 215
Special sizes
(please state requested dimensions)
Accessories
Part Number
10011066 00
10111067 00
10011045 00
10011068 00
10011069 00
37105000 00
Mounting plate for 37002209 and 37002215
Mounting plate for 37003209
Mounting plate for 37004416
Mounting plate for 37006316
Mounting plate for 37006421
External bracket set (4 pieces)
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com