Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5201000000 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 86Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 87Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 88Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 92Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 93Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 164 page
background image
www.Rose-Bopla.com
Upper liner
Accessories
Description
29250001 00
29250002 00
Front panel, aluminum for Pilot 250/2
Magnet holder, round
Battery holder for mounting 4 rounds cells in the enclosure base
Battery holder for mounting a 9V battery in the enclosure base
Mounting set (2 hooks, 2 bolts with screws)
Cable gland with bending protection M 16 x 1.5
Cable gland with bending protection M 20 x 1.5
Enable button (3-stage)
29250101 00
29250102 00
29250103 00
29250104 00
29250105 00
08100116 00
08100120 00
on request
• Polyamide hand held enclosure for automation engineering and data acquisition
• Large component space
• Version 3 with closed or front frame
• Rear battery compartment
Pilot 250
Included in delivery
Enclosure with top and base unit, each with mounting
bosses, battery compartment cover, fastening and
enclosure screws.
Technical Data
Color
Material
Ingress Protection
Gasket
Impact Resistance
Temperature Range
Base and lid: black gray, similar to RAL 7021
Rear cover: sapphire blue, similar to RAL 5003
Polyamide
IP 65 to EN 60529
Continuous foamed-in Neoprene
>7 Nm, EN 50014
-40°F to +140 ° F
Part
Number
Enclosure
Type
Pilot 250/1
Pilot 250/2
Dimensions
mm
Dimensions
Inches
Version
W x L x H
W x L x H
140/120 x 280 x 86
140/120 x 280 x 86
Closed
as frame for front panel mounting
5.51/4.72 x 11.02 x 3.38
5.51/4.72 x 11.02 x 3.38
Part Number
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com