Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5201000000 Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 105Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 106Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 107Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 108Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 109Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 110Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 111Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 112Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
107
Accessories
External brackets (4 pieces)
Mounting set (gaskets, nuts and screws)
37105000 00
37990001 00
• Enclosure with EC-type examination certificate for individual fittings
• Stainless steel enclosure with terminals for increased safety and intrinsically protection
• High-quality stainless steel version with covered hinges and double ward lock
• Optional flange break outs
Ex Stainless Steel Enclosures with Hinged Lid Ex-IGS
Included in delivery
Empty enclosure: Enclosure with hinged lid, double ward
lock, silicone/PUR-seal and external ground connection.
Terminal enclosure: Depending on design with hinged lid,
double ward lock, silicone/PUR-seal, external ground, DIN
rail, internal ground connection, terminals, manufacturing,
cable glands.
Technical Data
Explosion protection
II 2 G / 2 D
EEx e II T6 (increased safety)
EEx ia IIC T6 (intrinsic safety)
EEx e(ia) IIC T6 (mixed fitting)
Temperature class T5 and T4 on request
Empty enclosure: PTB 01 ATEX 1101U
Terminal enclosure: PTB 00 ATEX 1052
Stainless steel 1.25 mm or 1.5 mm 1.4301 / 304
Polished grain 240
IP 66 EN 60529
>7 Nm, EN 50014
-40°F to +104°F (corresponds T6 = 185°F max. surface temperature)
-40°F to +131°F (corresponds T5 = 212°F max. surface temperature)
-40°F to +194°F (corresponds T4 = 275°F max. surface temperature)
Temperature to -67°F with special marking on request
PTB
35002209 00
35002215 00
35003316 00
35003209 00
35004416 00
35004421 00
35005316 00
35006316 00
35006421 00
35009999 00
Part
Number
Part
Number
Part
Number
Dimensions
mm
Dimensions
Inches
W x L x H
W x L x H
36002209 00
36002215 00
36003316 00
36003209 00
36004416 00
36004421 00
36005316 00
36006316 00
36006421 00
36009999 00
34002209 00
34002215 00
34003316 00
34003209 00
34004416 00
34004421 00
34005316 00
34006316 00
34006421 00
34009999 00
7.87 x 9.84 x 3.54
7.87 x 9.84 x 5.90
11.81 x 11.81 x 6.57
13.78 x 9.84 x 3.54
14.96 x 14.96 x 6.57
14.96 x 14.96 x 8.46
19.68 x 11.81 x 6.57
23.62 x 11.81 x 6.57
23.62 x 14.96 x 8.46
Special size
Certificates
Material
Surface
Ingress protection
Impact resistance
Temperature range of application
acc. EN
Ex-ia version
Empty enclosure
Ex-e version
200 x 250 x 90
200 x 250 x 150
300 x 300x 167
350 x 250 x 90
380 x 380 x 167
380 x 380 x 215
500 x 300 x 167
600 x 300 x 167
300 x 380 x 215
Special size
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com