Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5201000000 Datasheet(PDF) 115 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 115 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 111Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 112Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 113Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 114Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 115Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 116Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 117Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 118Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 119Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
113
Start at the top of this guide and work down, considering all options required. Circle required
options and corresponding part numbers. You will build a 10 digit Rose part number, eg.,
19010001 00, plus assembly options. Then call a Rose
+Bopla sales person and they will give
you pricing, internal dimensions and coupling hole options for the enclosure you designed.
Machine to DWG #
Silk Screen to DWG #
Profile #1 - 80 mm
01
Profile #2 - 110 mm
02
Profile #3 - 185 mm
03
0 - 1200mm
_________________ mm
_________________ mm
0001
1201 - 1800mm
_________________ mm
_________________ mm
0002
1801 - 2300mm
_________________ mm
_________________ mm
0003
2301 - 2800mm
_________________ mm
_________________ mm
0004
2801 - 3300mm
_________________ mm
_________________ mm
0005
Rear Panel
Hinge Location, if required (facing the unit).
00
Rear Door
Top
Left
01
Bottom
Right
Install Panel Gasket
Install Front Panel:
YES or NO
From Front
(Circle One)
From Front W / Studs
YES
NO
From Rear
FIXED CONSOLE MOUNTING KIT
CONSOLE MOUNTING
ROSE P.N.
KIT LOCATION
19590011 00
15 Degree Angle
Top
Left
19
19590012 00
30 Degree Angle
Bottom
Right
19590013 00
Variable / Adjustable
Price of Mounting Kit Not Included
DESCRIPTION
CONSOLE MOUNTING KIT-HANDLES
YES
NO
INSTALL MOUNTING KIT-HANDLES
YES
NO
SELECT PROFILE
ENCLOSURE
HEIGHT / WIDTH
Usable Panel Space Required
Height:____________ Width:_____________
Actual Panel Size (Usable Panel Space + 34mm)
Height:____________ Width:_____________
Usable Depth:_________________________
Refer to SL 2000 Drawing
DOORS
FRONT PANEL (Circle One)
No Front Panel
Clear Anodized
Mill Finish / Painted
MACHINING
YES
NO
SILK SCREENING
YES
NO
HANDLES
YES
NO
INSTALL
NOTES OR SPECIAL INSTRUCTIONS:
Type
Installed
Handle Location
Dual Side Handles
Yes
-
No
Horizontal or Vertical
Corner Handles
Yes
-
No
Front Bezel
Black T-Slot Gasket
Optional: Keyboard Holder
CIRCUMFERENCE
HEIGHT
WIDTH
Actual Panel Size + 95.6mm = External Height and Width
Please Circle All Items Required
NOTE: One Inch equals 25.4 mm
CONSOLE HOLE LOCATION GUIDE
Vertical
Top
Horizontal
Top
Left
Right
Left
Right
Bottom
Bottom
SL 2000 Console Ordering Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com