Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5201000000 Datasheet(PDF) 146 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 146 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 142Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 143Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 144Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 145Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 146Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 147Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 148Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 149Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 150Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 164 page
background image
www.Rose-Bopla.com
144
Specifications
Material Chemical Resistance
Acetic acid
Acetone
Ammonia
Benzene
Benzole
Brake fluid
Butane
Butanol
Calcium chloride
Carbon disulphide
Carbon tetrachloride
Caustic potash solution
Chlorine benzole
Citric acid
Diesel oil
Detergents
Engine oils
Formaldehyde
Formic acid
Frigen
Fruit Juice
Glycerine
Heating oil
Hydraulic oil
Hydrochloric acid
Lactic acid
Linseed oil
Lubricating oil
Methanol
Methylene chloride
Mineral oils
Nitric oils
Potassium chloride
Potassium hydroxide
Soap suds
Soda lye
Sodium carbonate
Sodium chloride
Sodium hydroxide
Sulphuric acid
Tartaric acid
Toluol
Trichloroethylene
Turpentine oil
Water(distilled, river, tap, sea water)
Xylol
Zinc sulphate
Type
PS
ABS
PC
PA
Aluminum
Stainless
Steel
Polyester
50%
-
+
-
-
/
-
/
+
-
-
50%
-
+
-
/
•
40%
40%
/
/
+
-
/
10%
80%
+
/
/
-
/
10%
+
/
/
50%
+
+
/
50%
+
-
-
-
+
-
+
25%
-
25%
-
-
•
+
/
+
-
-
50%
-
+
+
/
+
30%
-
-
/
+
•
/
/
80%
+
/
/
-
/
-
/
/
/
50%
+
+
+
50%
+
-
-
/
+
-
+
10%
-
-
•
-
-
+
/
+
-
/
-
-
10%
•
+
+
/
-
+
+
•
•
+
20%
+
+
+
-
-
+
10%
+
/
•
-
+
+
/
50%
+
-
-
•
+
-
+
5%
+
10%
+
-
+
+
+
10%
+
+
50%
+
/
+
/
+
•
-
+
+
+
+
+
-
•
+
+
•
•
+
-
10%
/
/
+
10%
-
/
-
10%
+
+
+
+
+
/
+
+
+
+
+
/
+
/
+
+
+
/
+
+
/
/
/
+
•
/
/
+
+
/
/
+
+
+
+
+
/
+
•
-
/
/
•
•
+
•
/
+
+
/
/
+
•
+
+
+
+
+
/
/
/
+
+
/
+
/
/
/
+
/
+
+
/
+
+
+
/
+
+
+
+
+
+
/
+
+
+
+
+
+
•
+
+
/
/
/
/
+
/
/
40%
-
-
+
+
+
/
+
+
-
+
-
+
+
+
/
+
30%
10%
+
+
+
+
+
+
+
+
+
-
-
+
10%
+
-
+
40%
+
+
-
70%
+
+
-
+
+
+
+
+ Resistant to all concentrations
% Resistant to max % concentration
C° Resistant up to max C°
•
Conditionally resistant
-
Not resistant
/
No information available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com