| Electronic Components Datasheet Search |
|
DS2196L Datasheet(PDF) 83 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2196L Datasheet(HTML) 83 Page - Dallas Semiconductor |
|
83 / 157 page ![]() DS2196 83 of 157 RSCD2A: RECEIVE SPARE CODE DEFINITION REGISTER 2 FRAMER A (Address = 1C Hex) RSCD2B: RECEIVE SPARE CODE DEFINITION REGISTER 2 FRAMER B (Address = BC Hex) (MSB) (LSB) C7 C6 C5 C4 C3 C2 C1 C0 SYMBOL POSITION NAME AND DESCRIPTION C7 RSCD2.7 Receive Spare Code Definition Bit 7. A Don’t Care if a 1 to 7 bit length is selected. C6 RSCD2.6 Receive Spare Code Definition Bit 6. A Don’t Care if a 1 to 7 bit length is selected. C5 RSCD2.5 Receive Spare Code Definition Bit 5. A Don’t Care if a 1 to 7 bit length is selected. C4 RSCD2.4 Receive Spare Code Definition Bit 4. A Don’t Care if a 1 to 7 bit length is selected. C3 RSCD2.3 Receive Spare Code Definition Bit 3. A Don’t Care if a 1 to 7 bit length is selected. C2 RSCD2.2 Receive Spare Code Definition Bit 2. A Don’t Care if a 1 to 7 bit length is selected. C1 RSCD2.1 Receive Spare Code Definition Bit 1. A Don’t Care if a 1 to 7 bit length is selected. C0 RSCD2.0 Receive Spare Code Definition Bit 0. A Don’t Care if a 1 to 7 bit length is selected. 13. CLOCK BLOCKING REGISTERS The Receive Channel Blocking Registers (RCBR1/RCBR2/RCBR3) and the Transmit Channel Blocking Registers (TCBR1/TCBR2/TCBR3) control the RCHBLK and TCHBLK pins respectively. The RCHBLK and TCHBLK pins are user programmable outputs that can be forced either high or low during individual channels. These outputs can be used to block clocks to a UART or LAPD controller in Fractional T1 or ISDN–PRI applications. When the appropriate bits are set to a 1, the RCHBLK and TCHBLK pins will be held high during the entire corresponding channel time. See the timing in Section 21 for an example. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |