Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196L Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 45Page - Dallas Semiconductor DS2196L Datasheet HTML 46Page - Dallas Semiconductor DS2196L Datasheet HTML 47Page - Dallas Semiconductor DS2196L Datasheet HTML 48Page - Dallas Semiconductor DS2196L Datasheet HTML 49Page - Dallas Semiconductor DS2196L Datasheet HTML 50Page - Dallas Semiconductor DS2196L Datasheet HTML 51Page - Dallas Semiconductor DS2196L Datasheet HTML 52Page - Dallas Semiconductor DS2196L Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 157 page
background image
DS2196
49 of 157
CCR7A: COMMON CONTROL REGISTER 7 FRAMER A (Address = 0A Hex)
(MSB)
(LSB)
LIRST
RLB
AIS13-24
AIS1-12
DISRCL
–
–
LBOS3
SYMBOL
POSITION
NAME AND DESCRIPTION
LIRST
CCR7A.7
Line Interface reset. Setting this bit from a 0 to a 1 will
initiate an internal reset that affects the clock recovery state
machine and jitter attenuator. Normally this bit is only toggled
on power–up. Must be cleared and set again for a subsequent
reset.
RLB
CCR7A.6
Remote Loopback.
0 = loopback disabled
1 = loopback enabled
AIS13-24
CCR7A.5
Channels 13 – 24 AIS Enable
0 = do not transmit AIS in channels 13 – 24
1 = transmit AIS in channels 13 - 24
AIS1-12
CCR7A.4
Channels 1 – 12 AIS Enable
0 = do not transmit AIS in channels 1 – 12
1 = transmit AIS in channels 1 - 12
DISRCL
CCR7A.3
LIU Receive Carrier Loss (RCL) pin Disable.
0 = Normal operation.
1 = Disable the LIU RCL pin. Pin will always output a “0”.
The LRCL status bit in RIR3A.3 continues to report correct
LRCL status.
–
CCR7A.2
Not Assigned. Should be set to 0 when written to.
–
CCR7A.1
Not Assigned. Should be set to 0 when written to.
LBOS3
CCR7A.0
Line Build Out Select Bit 3. Sets the transmitter build out; see
the Table 19–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com