Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196L Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2196L
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196L Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2196L Datasheet HTML 12Page - Dallas Semiconductor DS2196L Datasheet HTML 13Page - Dallas Semiconductor DS2196L Datasheet HTML 14Page - Dallas Semiconductor DS2196L Datasheet HTML 15Page - Dallas Semiconductor DS2196L Datasheet HTML 16Page - Dallas Semiconductor DS2196L Datasheet HTML 17Page - Dallas Semiconductor DS2196L Datasheet HTML 18Page - Dallas Semiconductor DS2196L Datasheet HTML 19Page - Dallas Semiconductor DS2196L Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
DS2196
16 of 157
Parallel Control Port Pins
Signal Name:
INT*
Signal Description:
Interrupt
Signal Type:
Output
Flags host controller during conditions and change of states as defined in the Status Registers. Active low, open
drain output.
Signal Name:
MUX
Signal Description:
Bus Operation
Signal Type:
Input
Set low to select non-multiplexed bus operation. Set high to select multiplexed bus operation.
Signal Name:
D0 to D7 / AD0 to AD7
Signal Description:
Data Bus or Address/Data Bus
Signal Type:
Input / Output
In non-multiplexed bus operation (MUX = 0), serves as the data bus. In multiplexed bus operation (MUX = 1),
serves as a 8–bit multiplexed address / data bus.
Signal Name:
A0 to A6
Signal Description:
Address Bus
Signal Type:
Input
In non-multiplexed bus operation (MUX = 0), serves as the address bus. In multiplexed bus operation (MUX = 1),
these pins are not used and should be tied low.
Signal Name:
BTS
Signal Description:
Bus Type Select
Signal Type:
Input
Strap high to select Motorola bus timing; strap low to select Intel bus timing. This pin controls the function of the
RD*(DS*), ALE (AS), and WR*(R/W*) pins. If BTS = 1, then these pins assume the function listed in parenthesis
().
Signal Name:
RD* (DS*)
Signal Description:
Read Input (Data Strobe)
Signal Type:
Input
RD* is an active low signal. DS* polarity is determined by the MUX pin setting. Refer to section 21 for details.
Signal Name:
CS*
Signal Description:
Chip Select
Signal Type:
Input
Must be low to read or write to the device. CS* is an active low signal.
Signal Name:
ALE(AS) / A7
Signal Description:
A7 or Address Latch Enable (Address Strobe)
Signal Type:
Input
In non-multiplexed bus operation (MUX = 0), serves as the upper address bit. In multiplexed bus operation (MUX
= 1), serves to demultiplex the bus on a positive–going edge.
Signal Name:
WR*( R/W*)
Signal Description:
Write Input (Read/Write)
Signal Type:
Input
WR* is an active low signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com